Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 29Page - Renesas Technology Corp R32C152 Datasheet HTML 30Page - Renesas Technology Corp R32C152 Datasheet HTML 31Page - Renesas Technology Corp R32C152 Datasheet HTML 32Page - Renesas Technology Corp R32C152 Datasheet HTML 33Page - Renesas Technology Corp R32C152 Datasheet HTML 34Page - Renesas Technology Corp R32C152 Datasheet HTML 35Page - Renesas Technology Corp R32C152 Datasheet HTML 36Page - Renesas Technology Corp R32C152 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 33 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.14
SFR List (14)
Address
Register
Symbol
Reset Value
0002F0h
0002F1h
0002F2h
0002F3h
0002F4h
0002F5h
0002F6h
0002F7h
0002F8h
0002F9h
0002FAh
0002FBh
0002FCh
0002FDh
0002FEh
0002FFh
000300h Count Start Register for Timers B3, B4 and B5
TBSR
000X XXXXb
000301h
000302h Timer A1-1 Register
TA11
XXXXh
000303h
000304h Timer A2-1 Register
TA21
XXXXh
000305h
000306h Timer A4-1 Register
TA41
XXXXh
000307h
000308h Three-phase PWM Control Register 0
INVC0
00h
000309h Three-phase PWM Control Register 1
INVC1
00h
00030Ah Three-phase Output Buffer Register 0
IDB0
XX11 1111b
00030Bh Three-phase Output Buffer Register 1
IDB1
XX11 1111b
00030Ch Dead Time Timer
DTT
XXh
00030Dh Timer B2 Interrupt Generating Frequency Set Counter
ICTB2
XXh
00030Eh
00030Fh
000310h Timer B3 Register
TB3
XXXXh
000311h
000312h Timer B4 Register
TB4
XXXXh
000313h
000314h Timer B5 Register
TB5
XXXXh
000315h
000316h
000317h
000318h
000319h
00031Ah
00031Bh Timer B3 Mode Register
TB3MR
00XX 0000b
00031Ch Timer B4 Mode Register
TB4MR
00XX 0000b
00031Dh Timer B5 Mode Register
TB5MR
00XX 0000b
00031Eh
00031Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com