Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 68Page - Renesas Technology Corp R32C152 Datasheet HTML 69Page - Renesas Technology Corp R32C152 Datasheet HTML 70Page - Renesas Technology Corp R32C152 Datasheet HTML 71Page - Renesas Technology Corp R32C152 Datasheet HTML 72Page - Renesas Technology Corp R32C152 Datasheet HTML 73Page - Renesas Technology Corp R32C152 Datasheet HTML 74Page - Renesas Technology Corp R32C152 Datasheet HTML 75Page - Renesas Technology Corp R32C152 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 72 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.53
SFR List (53)
Address
Register
Symbol
Reset Value
047950h CAN1 Mailbox 21: Message Identifier
C1MB21
XXXX XXXXh
047951h
047952h
047953h
047954h
047955h CAN1 Mailbox 21: Data Length
XXh
047956h CAN1 Mailbox 21: Data Field
XXXX XXXX
XXXX XXXXh
047957h
047958h
047959h
04795Ah
04795Bh
04795Ch
04795Dh
04795Eh CAN1 Mailbox 21: Time Stamp
XXXXh
04795Fh
047960h CAN1 Mailbox 22: Identifier
C1MB22
XXXX XXXXh
047961h
047962h
047963h
047964h
047965h CAN1 Mailbox 22: Data Length
XXh
047966h CAN1 Mailbox 22: Data Field
XXXX XXXX
XXXX XXXXh
047967h
047968h
047969h
04796Ah
04796Bh
04796Ch
04796Dh
04796Eh CAN1 Mailbox 22: Time Stamp
XXXXh
04796Fh
047970h CAN1 Mailbox 23: Message Identifier
C1MB23
XXXX XXXXh
047971h
047972h
047973h
047974h
047975h CAN1 Mailbox 23: Data Length
XXh
047976h CAN1 Mailbox 23: Data Field
XXXX XXXX
XXXX XXXXh
047977h
047978h
047979h
04797Ah
04797Bh
04797Ch
04797Dh
04797Eh CAN1 Mailbox 23: Time Stamp
XXXXh
04797Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com