Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 43Page - Renesas Technology Corp R32C152 Datasheet HTML 44Page - Renesas Technology Corp R32C152 Datasheet HTML 45Page - Renesas Technology Corp R32C152 Datasheet HTML 46Page - Renesas Technology Corp R32C152 Datasheet HTML 47Page - Renesas Technology Corp R32C152 Datasheet HTML 48Page - Renesas Technology Corp R32C152 Datasheet HTML 49Page - Renesas Technology Corp R32C152 Datasheet HTML 50Page - Renesas Technology Corp R32C152 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 47 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.28
SFR List (28)
Address
Register
Symbol
Reset Value
044E20h LIN1 Channel Window Select/Input Signal Low Detection
Status Register
L1CW
0000 0000b
044E21h LIN1 Baud Rate Generator Control Register
L1BRG
0000 0000b
044E22h LIN1 Baud Rate Prescaler 0
L10BRP0
00h
044E23h LIN1 Baud Rate Prescaler 1
L1BRP1
00h
044E24h LIN1 Mode Register 0
L1MD0
0000 0000b
044E25h LIN1 Mode Register 1
L1MD1
00h
044E26h LIN1 Wake-up Setting Register
L1WUP
00h
044E27h
044E28h LIN1 Break Field Setting Register
L1BRK
0000 0000b
044E29h LIN1 Space Setting Register
L1SPC
0000 0000b
044E2Ah LIN1 Response Field Setting Register
L1RFC
0000 0000b
044E2Bh LIN1 ID Buffer Register
L1IDB
00h
044E2Ch LIN1 Status Control Register
L1SC
0000 0000b
044E2Dh LIN1 Transmission Control Register
L1TC
0000 0000b
044E2Eh LIN1 Status Register
L1ST
0000 0000b
044E2Fh LIN1 Error Status Register
L1EST
0000 0000b
044E30h LIN1 Data 1 Buffer Register
L1DB1
00h
044E31h LIN1 Data 2 Buffer Register
L1DB2
00h
044E32h LIN1 Data 3 Buffer Register
L1DB3
00h
044E33h LIN1 Data 4 Buffer Register
L1DB4
00h
044E34h LIN1 Data 5 Buffer Register
L1DB5
00h
044E35h LIN1 Data 6 Buffer Register
L1DB6
00h
044E36h LIN1 Data 7 Buffer Register
L1DB7
00h
044E37h LIN1 Data 8 Buffer Register
L1DB8
00h
044E38h
044E39h
044E3Ah
044E3Bh
044E3Ch
044E3Dh
044E3Eh
044E3Fh
044E41h
044E42h
044E43h
044E44h
044E45h
044E46h
044E47h
044E48h
044E49h
044E4Ah
044E4Bh
044E4Ch
044E4Dh
044E4Eh
044E4Fh
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com