Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 19Page - Renesas Technology Corp R32C152 Datasheet HTML 20Page - Renesas Technology Corp R32C152 Datasheet HTML 21Page - Renesas Technology Corp R32C152 Datasheet HTML 22Page - Renesas Technology Corp R32C152 Datasheet HTML 23Page - Renesas Technology Corp R32C152 Datasheet HTML 24Page - Renesas Technology Corp R32C152 Datasheet HTML 25Page - Renesas Technology Corp R32C152 Datasheet HTML 26Page - Renesas Technology Corp R32C152 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 23 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.4
SFR List (4)
Address
Register
Symbol
Reset Value
0000B0h Intelligent I/O Interrupt Enable Register 0
IIO0IE
00h
0000B1h Intelligent I/O Interrupt Enable Register 1
IIO1IE
00h
0000B2h Intelligent I/O Interrupt Enable Register 2
IIO2IE
00h
0000B3h Intelligent I/O Interrupt Enable Register 3
IIO3IE
00h
0000B4h Intelligent I/O Interrupt Enable Register 4
IIO4IE
00h
0000B5h Intelligent I/O Interrupt Enable Register 5
IIO5IE
00h
0000B6h Intelligent I/O Interrupt Enable Register 6
IIO6IE
00h
0000B7h Intelligent I/O Interrupt Enable Register 7
IIO7IE
00h
0000B8h Intelligent I/O Interrupt Enable Register 8
IIO8IE
00h
0000B9h Intelligent I/O Interrupt Enable Register 9
IIO9IE
00h
0000BAh Intelligent I/O Interrupt Enable Register 10
IIO10IE
00h
0000BBh Intelligent I/O Interrupt Enable Register 11
IIO11IE
00h
0000BCh
0000BDh
0000BEh
0000BFh
0000C0h Serial Bus Interface 0 Interrupt Control Register
SS0IC
XXXX X000b
0000C1h CAN0 Transmit Interrupt Control Register
C0TIC
XXXX X000b
0000C2h Serial Bus Interface 2 Interrupt Control Register
SS2IC
XXXX X000b
0000C3h CAN0 Error Interrupt Control Register
C0EIC
XXXX X000b
0000C4h
0000C5h CAN1 Receive Interrupt Control Register
C1RIC
XXXX X000b
0000C6h
0000C7h CAN2 Transmit Interrupt Control Register
C2TIC
XXXX X000b
0000C8h
0000C9h CAN2 Error Interrupt Control Register
C2EIC
XXXX X000b
0000CAh
0000CBh
0000CCh
0000CDh
0000CEh
0000CFh
0000D0h CAN0 Transmit FIFO Interrupt Control Register
C0FTIC
XXXX X000b
0000D1h
0000D2h CAN1 Transmit FIFO Interrupt Control Register
C1FTIC
XXXX X000b
0000D3h
0000D4h CAN2 Transmit FIFO Interrupt Control Register
C2FTIC
XXXX X000b
0000D5h LIN0_0 Interrupt Control Register
L0_0IC
XXXX X000b
0000D6h
0000D7h LIN0_2 Interrupt Control Register
L0_2IC
XXXX X000b
0000D8h E2dataFlash Interrupt Control Register
E2FIC
XXXX X000b
0000D9h LIN1_0 Interrupt Control Register
L1_0IC
XXXX X000b
0000DAh
0000DBh LIN1_2 Interrupt Control Register
L1_2IC
XXXX X000b
0000DCh
0000DDh UART3 Transmit Interrupt Control Register
S3TIC
XXXX X000b
0000DEh INT7 Interrupt Control Register
INT7IC
XX00 X000b
0000DFh UART4 Transmit Interrupt Control Register
S4TIC
XXXX X000b
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com