Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 23Page - Renesas Technology Corp R32C152 Datasheet HTML 24Page - Renesas Technology Corp R32C152 Datasheet HTML 25Page - Renesas Technology Corp R32C152 Datasheet HTML 26Page - Renesas Technology Corp R32C152 Datasheet HTML 27Page - Renesas Technology Corp R32C152 Datasheet HTML 28Page - Renesas Technology Corp R32C152 Datasheet HTML 29Page - Renesas Technology Corp R32C152 Datasheet HTML 30Page - Renesas Technology Corp R32C152 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 133 page
background image
REJ03B0231-0102 Rev.1.02 Nov 30, 2009
Page 27 of 130
R32C/152 Group
4. Special Function Registers (SFRs)
Table 4.8
SFR List (8)
Address
Register
Symbol
Reset Value
000170h
000171h
000172h
000173h
000174h
000175h
000176h
000177h
000178h
000179h
00017Ah
00017Bh
00017Ch
00017Dh
00017Eh
00017Fh
000180h Group 0 Time Measurement/Waveform Generation Register 0 G0TM0/G0PO0
XXXXh
000181h
000182h Group 0 Time Measurement/Waveform Generation Register 1 G0TM1/G0PO1
XXXXh
000183h
000184h Group 0 Time Measurement/Waveform Generation Register 2 G0TM2/G0PO2
XXXXh
000185h
000186h Group 0 Time Measurement/Waveform Generation Register 3 G0TM3/G0PO3
XXXXh
000187h
000188h Group 0 Time Measurement/Waveform Generation Register 4 G0TM4/G0PO4
XXXXh
000189h
00018Ah Group 0 Time Measurement/Waveform Generation Register 5 G0TM5/G0PO5
XXXXh
00018Bh
00018Ch Group 0 Time Measurement/Waveform Generation Register 6 G0TM6/G0PO6
XXXXh
00018Dh
00018Eh Group 0 Time Measurement/Waveform Generation Register 7 G0TM7/G0PO7
XXXXh
00018Fh
000190h Group 0 Waveform Generation Control Register 0
G0POCR0
0000 X000b
000191h Group 0 Waveform Generation Control Register 1
G0POCR1
0X00 X000b
000192h Group 0 Waveform Generation Control Register 2
G0POCR2
0X00 X000b
000193h Group 0 Waveform Generation Control Register 3
G0POCR3
0X00 X000b
000194h Group 0 Waveform Generation Control Register 4
G0POCR4
0X00 X000b
000195h Group 0 Waveform Generation Control Register 5
G0POCR5
0X00 X000b
000196h Group 0 Waveform Generation Control Register 6
G0POCR6
0X00 X000b
000197h Group 0 Waveform Generation Control Register 7
G0POCR7
0X00 X000b
000198h Group 0 Time Measurement Control Register 0
G0TMCR0
00h
000199h Group 0 Time Measurement Control Register 1
G0TMCR1
00h
00019Ah Group 0 Time Measurement Control Register 2
G0TMCR2
00h
00019Bh Group 0 Time Measurement Control Register 3
G0TMCR3
00h
00019Ch Group 0 Time Measurement Control Register 4
G0TMCR4
00h
00019Dh Group 0 Time Measurement Control Register 5
G0TMCR5
00h
00019Eh Group 0 Time Measurement Control Register 6
G0TMCR6
00h
00019Fh Group 0 Time Measurement Control Register 7
G0TMCR7
00h
X: Undefined
Blanks are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com