Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R32C152 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # R32C152
Description  RENESAS MCU
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R32C152 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button R32C152 Datasheet HTML 125Page - Renesas Technology Corp R32C152 Datasheet HTML 126Page - Renesas Technology Corp R32C152 Datasheet HTML 127Page - Renesas Technology Corp R32C152 Datasheet HTML 128Page - Renesas Technology Corp R32C152 Datasheet HTML 129Page - Renesas Technology Corp R32C152 Datasheet HTML 130Page - Renesas Technology Corp R32C152 Datasheet HTML 131Page - Renesas Technology Corp R32C152 Datasheet HTML 132Page - Renesas Technology Corp R32C152 Datasheet HTML 133Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 132 / 133 page
background image
A- 2
All trademarks and registered trademarks are the property of their respective owners.
45
• Modified the following register names in Table 4.26: “DMAi Source
Select Register 2” to “DMAi Request Source Select Register 2” and
“DMAi Source Select Register 1” to “DMAi Request Source Select
Register”; Changed expression “Wake-up/Interrupt Priority Level
Control Register” to “Wake-up IPL Setting Register”
46-47
• Modified “X” in reset values for unassigned bits to “0” for the following
registers in Tables 4.27 to 4.28: LiCW, LiBRG, LiMD0, LiBRK, LiSPC,
LiRFC, LiSC, LiTC, LiST, and LiEST
47
• Corrected register symbol “L1FRC” in Table 4.28 to “L1RFC”
64, 78,
92
• Modified reset value “00h” for C2CLKR in Table 4.45, C1CLKR in
Table 4.59
, and C0CLKR in Table 4.73 to “000X 0000b”
92
• Added addresses “047F60h to 047FFFh” and “048000h to 04FFFFh”
to Table 4.73
Chapter 5. Electrical Characteristics
—
• Added initially
REVISION HISTORY
R32C/152 Group Datasheet
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com