| Electronic Components Datasheet Search |
|
MAXQ3181-RAN+ Datasheet(PDF) 64 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAXQ3181-RAN+ Datasheet(HTML) 64 Page - Maxim Integrated Products |
|
64 / 84 page ![]() Low-Power, Active Energy, Polyphase AFE 64 ______________________________________________________________________________________ be controlled with arbitrary precision, and because high gain implies increased noise, it may be necessary to calibrate the MAXQ3181 to maintain linearity at the lowest inputs. There are two settings that manage low-current lineari- ty: an offset setting, OFFS_LO; and a gain setting, GAIN_LO. Setting the offset is simple. Ensure no cur- rent is flowing in the current circuit. Read X.IRMS. To calculate offset use following formula: If LINFRM = 0: If LINFRM = 1: offs = -X.IRMS Program the offs into the OFFS_LO register. So, if the user reads 0x0113 from the X.IRMS register and LINFRM = 1, program 0xFEED into the OFFS_LO register. Setting the GAIN_LO register means applying a current below the low-current threshold, reading the value from the MAXQ3181, and adjusting the gain accordingly. Note that, unlike offset, the low-end gain is added to the overall gain provided in the I_GAIN register. Apply a known current with peak value less than the low-current threshold. Ensure that there is no previous value in the low-current gain register, A.GAIN_LO, by setting this register to 0x4000. Read the A.IRMS regis- ter (0x1CC). Note the value. Convert the known value to meter units by multiplying the known value (in amperes) by 224 and dividing by IFS. Divide the results of this cal- culation by the value read from the MAXQ3181. The result should be a value between 0 and 2. Convert the integer by multiplying 214, and ensure MSB is zero. The result is the gain value to be programmed into A.GAIN_LO. Calibrating Power/Energy Gain Once voltage and current have been calibrated, the energy and power calculation automatically reflects the calibrated voltage and current. However the energy gain factor (X.E_GAIN, X = A/B/C) can be further tuned to achieve even more accurate power and energy result if necessary. For example, if the voltage and cur- rent calibration sources are not as accurate as the power/energy calibration source, then the additional gain calibration may be necessary. The following pro- cedure for power/energy gain calibration is outlined for phase A. • Apply a precision unity power factor power (applied value) that is close to the desired normal operating point. • Read the PWRP.A register. Note the value. • Convert the applied value to meter units by dividing it by MU_PWR. • Divide the applied value (in meter unit) by the value read from the MAXQ3181. The result should be a value between 0 and 2. If the value falls outside of this range, IFS and/or VFS have probably been mis- calculated. • Multiply the calculated value by 214, and ensure the MSB is zero. The result is the gain value to be pro- grammed into A.E_GAIN. • When the gain value is programmed, wait for 1 to 2 seconds, then reread the power value from PWRP.A. Check that the measured value is correct by compar- ing PWRP.A against the applied power in meter unit. Multipoint Phase Offset Calibration To perform the calibration at three current levels, note the raw current value (X.IRMS) at each point. Label the current values, from highest to lowest, I0, I1, and I2. Program X.PA0, X.PA1, and X.PA2 with the phase offset values calculated at I0, I1, and I2, respectively, as described in the Calibrating Phase Offset section. Finally, program I1THR with the average of I0 and I1, and program I2THR with the geometric average of I1 and I2. Now as the current changes the phase offset is adjusted accordingly. See Figure 16. offs XIRMS =− (. )2 16 2 0 1 2 I2THR I1THR PA2 I2 I1 I0 PA1 PA0 INPUT CURRENT Figure 16. Phase Offset vs. Input Current Calibration |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |