Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 65 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 65 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 61Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 62Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 63Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 64Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 65Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 66Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 67Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 68Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 69Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
______________________________________________________________________________________
65
Advanced Register Configurations
Analog Scan Configuration Registers
Time Slot Assignment—Current Channel X = A/B/C (SCAN_IX)
(A: 0x008, B: 0x00C, C: 0x00A)
These registers configure the time slot normally assigned to current channels A/B/C. We recommend leaving these
registers at their default values. If they must be reassigned, one must ensure that all the current and voltage chan-
nels are reassigned properly so that the MAXQ3181 computes the power/energy parameters as intended by your
setup.
Bit:
7
6
5
4
3
2
1
0
Name:
ADCMX
DADCNV
—
—
—
Reset A:
0x3
0
0
0
0
Reset B:
0x4
0
0
0
0
Reset C:
0x5
0
0
0
0
BIT
NAME
FUNCTION
7:4
ADCMX
Analog Input Select. This four-bit field determines which of the following analog inputs are sampled
during this time slot.
0000 = V0P - VN
0001 = V1P - VN
0010 = V2P - VN
0011 = I0P - I0N (Phase A Current: 0011)
0100 = I1P - I1N (Phase B Current: 0100)
0101 = I2P - I2N (Phase C Current: 0101)
0110 = INP - VN
1xxx = Temperature
All other values are reserved.
3
DADCNV
ADC Disable. When set, disables the ADC for this time slot.
2:0
—
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com