Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
12
______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
POWER PINS
17, 22
DVDD
Digital Supply Voltage
25
AVDD
Analog Supply Voltage
18
DGND
Digital Ground
9
AGND
Analog Ground
23
VCOMM
Voltage Bias. This pin can be used to create an input common-mode DC offset for ADC channel
conversions.
24
VREF
Voltage Reference. Reference voltage for the ADC. An external reference voltage can be connected to
this pin when extremely high accuracy is required.
VOLTAGE AND CURRENT PINS
26, 3, 4
V0P, I0P,
I0N
Phase A Voltage and Current Analog Inputs
27, 5, 6
V1P, I1P,
I1N
Phase B Voltage and Current Analog Inputs
28, 7, 8
V2P, I2P,
I2N
Phase C Voltage and Current Analog Inputs
1
VN
Analog Input for Common Voltage
2
INP
Analog Input for Neutral Current
CLOCK PINS
10
XTAL2
11
XTAL1
High-Frequency Crystal Input/Output. When using an external high-frequency crystal, the crystal
oscillator circuit should be connected between XTAL1 and XTAL2. When using an externally driven
clock (EXTCLK = 1), the clock should be input at XTAL1, with XTAL2 left unconnected.
12
IRQ
Interrupt Request Output. This line is driven low by the device to indicate to the master that an
unmasked interrupt has occurred.
13
SSEL
Slave Select Input. This line is the active-low slave select input for the SPI interface.
14
SCLK
Slave Clock Input. This line is the clock input for the SPI interface.
15
MOSI
Master Out-Slave In Input. This line is used by the master to transmit data to the slave (the
MAXQ3181) over the SPI interface.
16
MISO
Master In-Slave Out Output. This line is used by the MAXQ3181 (the slave) to transmit data back to
the master over the SPI interface.
19
CFP
Pulse Output. Configurable to represent energy or RMS voltage or current.
21
RESET
Active-Low Reset Input/Output. An external master can reset the MAXQ3181 by driving this pin low.
This pin includes a weak pullup resistor to allow for a combination of wired-OR external reset
sources. An RC circuit is not required for power-up, as this function is provided internally. This pin
also acts as a reset output when the source of the reset is internal to the device (power-fail, watchdog
reset, etc.). In this case, the RESET pin is held low by the device until it exits the reset state, then the
RESET pin is released.
NO CONNECTION PINS
20
N.C.
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com