Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 47 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 47 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 43Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 44Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 45Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 46Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 47Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 48Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 49Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 50Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 51Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
______________________________________________________________________________________
47
Voltage and Current
RMS Volts, Phase X = A/B/C (V.X) (A: 0x831, B: 0x832, C: 0x834)
This register contains the RMS voltage on phase A/B/C. The units are defined by the VOLT_CC setting such that V.X
= X.VRMS x VOLT_CC. In this equation, VOLT_CC is the conversion coefficient. See the VOLT_CC register for more
information.
RMS Amps, Phase X = A/B/C/N (I.X) (A: 0x841, B: 0x842, C: 0x844, N: 0x840)
This register contains the RMS current on phase A/B/C or the neutral channel. The units are defined by the AMP_CC
setting such that I.X = X.IRMS x AMP_CC. In this equation, AMP_CC is the conversion coefficient. See the AMP_CC
register for more information.
Power Factor
Power Factor (PF.T) (0x867)
This signed register contains the power factor of the total power. The power factor is calculated as:
It is expressed in units of 0.00001; thus, unity power factor is expressed as decimal 100,000
(0x00000000000186A0). This register is presented as a two’s complement value, so that a load delivering real power
to the line (that is, reverse power) is seen as having a power factor of -1 (0x0000FFFFFFFE7960).
PF T
A ACT
B ACT
C ACT
A APP
B APP
C APP
.
..
.
..
.
=
++
++
Byte 7 (MSByte unused)
Byte 6 (unused)
Byte 5
Byte 4
Byte 3
Byte 2
Byte 1
Byte 0 (LSByte)
Byte 7 (MSByte unused)
Byte 6 (unused)
Byte 5
Byte 4
Byte 3
Byte 2
Byte 1
Byte 0 (LSByte)
Byte 7 (MSByte unused)
Byte 6 (unused)
Byte 5
Byte 4
Byte 3
Byte 2
Byte 1
Byte 0 (LSByte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com