Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 38Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 39Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 40Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 41Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 42Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
______________________________________________________________________________________
39
Interrupt Mask, Phase X = A/B/C (X.MASK) (A: 0x145, B: 0x231, C: 0x31D)
Energy Overflow Flags, Phase X = A/B/C (X.EOVER) (A: 0x146, B: 0x232, C: 0x31E)
These bits indicate that an overflow condition has occurred on an energy accumulator. An overflow condition is not
an error condition. Rather, it simply indicates that the value in the energy accumulator could be smaller than the pre-
vious reading due to the overflow in the counter. To obtain the actual energy usage since the previous reading,
0x100000000 must be added to the difference. These bits, once set, can be cleared only by the host.
Bit:
7
6
5
4
3
2
1
0
Name:
—
DIR_A
—
DCHAM
NOZXM
UVM
OVM
OCM
Reset:
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7, 5
—
Reserved.
6
DIR_A
Active Energy Direction Status
0 = positive
1 = negative
4
DCHAM
Real Energy Direction Change Mask. If set, a change in real power direction on phase X causes the
DCHA flag in the IRQ_FLAG register to be set.
3
NOZXM
No-Zero Crossing Mask. If set, a no-zero crossing on phase X causes the NOZX flag in the IRQ_FLAG
register to be set.
2
UVM
Undervoltage Mask. If set, an undervoltage condition on phase X causes the UV flag in the IRQ_FLAG
register to be set.
1
OVM
Overvoltage Mask. If set, an overvoltage condition on phase X causes the OV flag in the IRQ_FLAG
register to be set.
0
OCM
Overcurrent Mask. If set, an overcurrent condition on phase X causes the OC flag in the IRQ_FLAG
register to be set.
BIT
NAME
FUNCTION
7:5, 3:2
—
Reserved.
4
SOV
When set, indicates an overflow condition on the apparent energy accumulator.
1
ANOV
When set, indicates an overflow condition on the real negative energy accumulator.
0
APOV
When set, indicates an overflow condition on the real positive energy accumulator.
Bit:
7
6
5
4
3
2
1
0
Name:
—
—
—
SOV
—
—
ANOV
APOV
Reset:
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com