Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 74 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 74 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 70Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 71Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 72Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 73Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 74Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 75Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 76Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 77Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 78Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
74
______________________________________________________________________________________
ADC Settling Time (R_ADCACQ) (0x050)
This register is a mirror of a CPU register in the MAXQ3181. This register should not be modified by supervisory
code. This register specifies the time, in CPU clocks, that the ADC must wait after switching analog mux inputs
before beginning its conversion. This register defaults to 0x2F (47 decimal), which specifies a 48 CPU clock-cycle
delay from analog mux switching to the start of conversion.
SPI Configuration (R_SPICF) (0x052)
This register is a mirror of a CPU register in the MAXQ3181. This register configures the SPI port of the MAXQ3181.
Bit:
15
14
13
12
11
10
9
8
Name:
ADC Settling Time High Byte
Reset:
—
—
—
—
—
—
—
—
Bit:
7
6
5
4
3
2
1
0
Name:
ADC Settling Time Low Byte
Reset:
—
0x2F
Bit:
7
6
5
4
3
2
1
0
Name:
ESPII
SAS
—
—
—
CHR
CKPHA
CKPOL
Reset:
1
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7
ESPII
Enable SPI Interrupt. If set, arrival of a character on the SPI bus causes a CPU interrupt.
6
SAS
SPI Slave Select Polarity. If clear, SSEL is assumed to be active low; if set, SSEL is assumed to be
active high.
5:3
—
Reserved.
2
CHR
SPI Character Length. If clear, characters on the SPI bus are assumed to be 8 bits; if set, characters on
the SPI bus are assumed to be 16 bits.
1
CKPHA
SPI Clock Phase. If clear, data is sampled on the leading edge of the clock (low-to-high if the clock is
active high, and high-to-low if the clock is active low). If set, data is sampled on the trailing edge of the
clock (high-to-low if the clock is active high, and low-to-high if the clock is active low).
0
CKPOL
SPI Clock Polarity. If clear, the clock is assumed to be active high; if set, the clock is assumed to be
active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com