Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 14Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 15Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 16Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 17Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 18Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 19Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
16
______________________________________________________________________________________
same manner as if an external reset had taken place.
Unlike a hardware reset, however, a software reset does
not cause the MAXQ3181 to drive the RESET line low.
Power-Supply Monitoring
In addition to the hardware reset provided by the
power-on reset and brownout reset circuits, the
MAXQ3181 includes the capability to detect a low
power supply on the DVDD pin and alert the master
through the interrupt (IRQ) mechanism before a hard-
ware reset occurs. This function, which is always
enabled outside of Stop Mode, causes the RAM status
register flag PWRF (IRQ_FLAG.0) to be set to 1 when-
ever VDVDD drops below the VPFW trip point. Once
PWRF has been set to 1 by hardware, it can only be
cleared by the master (or by a system reset). Whenever
PWRF = 1, if the EPWRF interrupt masking bit is also
set to 1, the MAXQ3181 drives IRQ low to signal to the
master that an interrupt condition (in this case, a power-
fail warning) exists and requires attention.
Clock Sources
All operations including ADC sampling and SPI com-
munications are synchronized to a single system clock.
This clock can be obtained from any one of three selec-
table sources, as shown in Figure 3.
External High-Frequency Crystal
The default system clock source for the MAXQ3181 is
an external high-frequency crystal oscillator circuit con-
nected between XTAL1 and XTAL2. When clocked with
an external crystal, a parallel-resonant, AT-cut crystal
oscillating in the fundamental mode is required.
When using a high-frequency crystal, the fundamental
oscillation mode of the crystal operates as inductive
reactance in parallel resonance with external capaci-
tors C1 and C2. The typical values of these external
capacitors vary with the type of crystal being used and
should be selected based on the load capacitance as
suggested by the crystal manufacturer.
Since noise at XTAL1 and XTAL2 can adversely affect
device timing, the crystal and capacitors should always
be placed as close as possible to the XTAL1 and
XTAL2 pins, with connection traces between the crystal
and the device kept as short and direct as possible. In
multiple layer boards, avoid running other high-speed
digital signals underneath the crystal oscillator circuit if
possible, as this could inject unwanted noise into the
clock circuit.
Following power-up or any system reset, the high-fre-
quency clock is automatically selected as the system
clock source. However, before this clock can be used
XTAL IN
RING IN
SYSTEM CLOCK
EXTCLK
STOPM
POR
CLK
ENABLE
WATCHDOG RESET
RING COUNT
INT/EXT
CRYSTAL
STARTUP TIMER
WATCHDOG TIMER
1MHz
INTERNAL
OSCILLATOR
HF
CRYSTAL
ENABLE
CLOCK
GENERATION
Figure 3. Simplified Clock Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com