Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXQ3181-RAN+ Datasheet HTML 1Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 2Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
General Description
The MAXQ3181 is a dedicated electricity measurement
front-end that collects and calculates polyphase volt-
age, current, active power and energy, and many other
metering parameters of a polyphase load. The comput-
ed results can be retrieved by an external master
through the on-chip serial peripheral interface (SPI™)
bus. This bus is also used by the external master to
configure the operation of the MAXQ3181 and monitor
the status of operations.
The MAXQ3181 performs voltage and current measure-
ments using an integrated ADC that can measure up to
seven external differential signal pairs. An eighth differ-
ential signal pair is used to measure the die tempera-
ture. An internal amplifier automatically adjusts the
current channel gain to compensate for low-current
channel-signal levels.
Applications
3-Phase Active Energy Electricity Meters
Features
♦ Compatible with 3-Phase/3-Wire, 3-Phase/4-Wire,
and Other 3-Phase Services
♦ 0.1% Active Power and Energy Linearity Error
♦ 0.5% Apparent Power and Energy Linearity Error
♦ 0.5% Linearity Errors for RMS Voltage and RMS
Current
♦ Neutral Line Current Measurement
♦ Line Frequency (Hz)
♦ Power Factors
♦ Phase Sequence Indication
♦ Phase Voltage Absence Detection
♦ Programmable Pulse Width
♦ Programmable No-Load Current Threshold
♦ Programmable Meter Constant
♦ Programmable Thresholds for Undervoltage and
Overvoltage Detection
♦ Programmable Threshold for Overcurrent Detection
♦ Amp-Hours in Absence of Voltage Signals
♦ On-Chip Digital Temperature Sensor
♦ Precision Internal Voltage Reference 2.048V
(30ppm/°C typical), Also Supports An External
Voltage Reference
♦ Active Power and Energy of Each Phase and
Combined 3-Phase (kWh), Positive and Negative
♦ Apparent Power and Energy of Each Phase and
Combined 3-Phase
♦ Supports Software Meter Calibration
♦ Up to 3-Point Multipoint Calibration to
Compensate for Transducer Nonlinearity
♦ Power-Fail Detection
♦ Bidirectional Reset Input/Output
♦ SPI-Compatible Serial Interface with Interrupt
Request (IRQ) Output
♦ Single 3.3V Supply, Low Power (35mW typical)
Low-Power, Active Energy, Polyphase AFE
________________________________________________________________
Maxim Integrated Products
1
19-4668; Rev 1; 12/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may be
simultaneously available through various sales channels. For information about device errata, go to: www.maxim-ic.com/errata.
MAXQ is a registered trademark of Maxim Integrated Products, Inc.
SPI is a trademark of Motorola, Inc.
Ordering Information
+
Denotes a lead(Pb)-free/RoHS-compliant package.
PART
TEMP RANGE
PIN-PACKAGE
MAXQ3181-RAN+
-40
°C to +85°C
28 TSSOP
Pin Configuration and Typical Application Circuit appear at
end of data sheet.


Similar Part No. - MAXQ3181-RAN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3180 MAXIM-MAXQ3180 Datasheet
529Kb / 48P
Low-Power, Multifunction, Polyphase AFE
Rev 0; 2/08
MAXQ3180 MAXIM-MAXQ3180 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 2; 8/09
MAXQ3180 MAXIM-MAXQ3180 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 3; 12/09
MAXQ3180-RAN+ MAXIM-MAXQ3180-RAN+ Datasheet
529Kb / 48P
Low-Power, Multifunction, Polyphase AFE
Rev 0; 2/08
MAXQ3180-RAN+ MAXIM-MAXQ3180-RAN+ Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 2; 8/09
More results

Similar Description - MAXQ3181-RAN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3180 MAXIM-MAXQ3180 Datasheet
529Kb / 48P
Low-Power, Multifunction, Polyphase AFE
Rev 0; 2/08
MAXQ3180 MAXIM-MAXQ3180_09 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 2; 8/09
MAXQ3180_0912 MAXIM-MAXQ3180_0912 Datasheet
1Mb / 101P
Low-Power, Multifunction, Polyphase AFE
Rev 3; 12/09
MAXQ3183 MAXIM-MAXQ3183 Datasheet
1Mb / 102P
Low-Power, Multifunction, Polyphase AFE with Harmonics and Tamper Detect
Rev 0; 12/09
logo
List of Unclassifed Man...
PL7411 ETC2-PL7411 Datasheet
112Kb / 1P
4ch power energy metering AFE controller
logo
SHANGHAI BELLING CO., L...
BL6513C BELLING-BL6513C Datasheet
643Kb / 15P
Polyphase Active Energy Meter
logo
Silergy Corp.
MAX71020A SILERGY-MAX71020A Datasheet
628Kb / 28P
Energy Measurement AFE
logo
Prolific Technology Inc...
PL7223 PROLIFIC-PL7223 Datasheet
104Kb / 1P
2ch Power/Energy Metering AFE Controller
PL7413 PROLIFIC-PL7413 Datasheet
112Kb / 1P
4ch Power/Energy Metering AFE Controller
logo
Maxim Integrated Produc...
MAX71020A MAXIM-MAX71020A Datasheet
644Kb / 26P
Energy Measurement AFE
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com