Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 34 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 34 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 37Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 38Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
34
______________________________________________________________________________________
CFP Pulse Threshold (THR1) (0x022)
This register designates the threshold of the CFP pulse. This value is used to set the meter constant for the CFP
pulse output. When the CFP pulse accumulator exceeds the value set in this register, the CFP pulse output is acti-
vated and the CFP pulse accumulator is reduced by the amount in this register.
Calibration Registers
Current Gain, Phase X = A/B/C/N (X.I_GAIN) (A: 0x130, B: 0x21C, C: 0x308, N: 0x12E)
This register contains gain coefficient for phase X current channel. The raw values are taken from the selected mea-
surement quantity and scaled by the factor:
Note: Bit 15 of this register must be set to zero for correct operation.
X I GAIN
._
214
Bit:
31
30
29
28
27
26
25
24
Name:
THR1 Byte 3
Reset:
0x00
Bit:
23
22
21
20
19
18
17
16
Name:
THR1 Byte 2
Reset:
0x10
Bit:
15
14
13
12
11
10
9
8
Name:
THR1 Byte 1
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
THR1 Byte 0
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
Current Gain Coefficient High Byte
Reset:
0x40
Bit:
7
6
5
4
3
2
1
0
Name:
Current Gain Coefficient Low Byte
Reset:
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com