Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 71 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 71 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 67Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 68Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 69Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 70Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 71Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 72Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 73Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 74Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 75Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
______________________________________________________________________________________
71
Filter Coefficients
Line Cycle Noise Rejection Filter (REJ_NS) (0x02C)
This register establishes the sensitivity of the NS rejection filter setting. NS is a measure of the line frequency. If a line
cycle occurs that is shorter or longer than the line cycle represented in the NS register, this filter determines whether
the cycle is used to update the NS value. For more information, see the NS register description. If this register is
zero, noise rejection is disabled for the line cycle counter.
Line Cycle Averaging Filter (AVG_NS) (0x02E)
This register determines whether the NS value is averaged over previous values or whether the most recently measured
value is used directly. If the value of this register is nonzero, the NS value is averaged using the following formula:
If the value of this register is zero, NS is not averaged. The MSB of this register must be zero.
yy
AVG NS
xy
nn
nn
=+
−
−
−
1
1
16
2
_
Bit:
15
14
13
12
11
10
9
8
Name:
Line Cycle Noise Rejection Filter High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Line Cycle Noise Rejection Filter Low Byte
Reset:
0xC8
Bit:
15
14
13
12
11
10
9
8
Name:
Line Cycle Averaging Filter High Byte
Reset:
0x40
Bit:
7
6
5
4
3
2
1
0
Name:
Line Cycle Averaging Filter Low Byte
Reset:
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com