Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 69 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 69 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 65Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 66Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 67Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 68Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 69Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 70Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 71Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 72Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 73Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
______________________________________________________________________________________
69
Neutral Current
Auxiliary Channel Configuration (AUX_CFG) (0x010)
The MAXQ3181 can monitor the RMS value of one auxiliary channel in addition to its normal processing. The
Auxiliary Channel Configuration register selects which input the auxiliary channel processes and what processing is
applied to the auxiliary channel.
DSP System Configuration
System Clock Frequency (SYS_KHZ) (0x012)
This register contains the system clock frequency in kHz units. Because the default frequency is 8MHz, this register
defaults to 0x1F40.
Bit:
15
14
13
12
11
10
9
8
Name:
—
—
—
—
—
—
—
—
Reset:
0
0
0
0
0
0
0
0
Bit:
7
6
5
4
3
2
1
0
Name:
—
ENAUX
—
—
—
AUX_MUX
Reset:
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15:7
—
Reserved.
6
ENAUX
Enable Auxiliary Channel. When set, enables auxiliary channel processing.
2:0
AUX_MUX
Auxiliary Channel Input Select. This three-bit field selects the input to be processed by the auxiliary
channel.
001 = IN
Bit:
15
14
13
12
11
10
9
8
Name:
System Clock Frequency High Byte
Reset:
0x1F
Bit:
7
6
5
4
3
2
1
0
Name:
System Clock Frequency Low Byte
Reset:
0x40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com