Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 33 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 33 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 29Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 30Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 31Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 32Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 33Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 34Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 35Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 36Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 37Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
______________________________________________________________________________________
33
CFP Pulse Width (PLS1_WD) (0x020)
This register designates the width of the CFP pulse, that is, the duration of the period that the CFP pulse is in the
active state. This value is given in ADC frame times (about 320μs). The default value of 0x9C (156 decimal) provides
a pulse width of about 50ms.
Bit:
15
14
13
12
11
10
9
8
Name:
CFP Pulse-Width High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
CFP Pulse-Width Low Byte
Reset:
0x9C
Meter Pulse Configuration
Pulse Configuration—CFP Output (PLSCFG1) (0x01E)
This register selects which phases are included in the CFP pulse output and also selects which quantity is accumu-
lated to drive the pulse output.
Bit:
7
6
5
4
3
2
1
0
Name:
QNSEL
PHASEC
PHASEB
PHASEA
Reset:
0x0
0
0
0
BIT
NAME
FUNCTION
7:3
QNSEL
CFP Pulse Output Source Select. This five-bit field determines what meter value will be accumulated in
each of the phases to produce the CFP pulse output. All other values are reserved.
00000 = Net real energy
00001 = Absolute real energy
00100 = Apparent energy
00110 = IRMS
00111 = VRMS
01000 = Real energy delivered to load
01001 = Real energy delivered to line
2
PHASEC
CFP Phase C Inclusion. When this bit is set, phase C is included in CFP pulse generation.
1
PHASEB
CFP Phase B Inclusion. When this bit is set, phase B is included in CFP pulse generation.
0
PHASEA
CFP Phase A Inclusion. When this bit is set, phase A is included in CFP pulse generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com