Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 60 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 60 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 56Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 57Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 58Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 59Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 60Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 61Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 62Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 63Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 64Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
60
______________________________________________________________________________________
• Divide the applied value (in meter unit) by the value
read from the MAXQ3181. The result should be a
value between 0 and 2. If the value falls outside of
this range, you have probably miscalculated IFS.
• Multiply the calculated value by 214. The result is the
gain value to be programmed into A.I_GAIN. Ensure
the most significant bit is 0.
When the gain value is programmed, wait for approxi-
mately 2 to 3 seconds, then reread the RMS value from
A.IRMS. Check that the measured value is correct by
comparing A.IRMS against the applied current in meter
unit.
Calibrating Phase Offset
Phase offset calibration should be performed after the
voltage and current gains have been calibrated. To cal-
ibrate the phase offset, it is first necessary to measure
the power reported by the meter at two different phase
points. The best way to do this is to rely on the pulse
output of the meter; use a precise counter to determine
the power reported by the meter by counting the pulse
period. A load of power factor 0.5L or 0.5C is a good
choice for calibrating phase offset.
1) Apply a known pure resistive load to the meter.
Read the measured power, as P1.0.
2) Shift the phase of the current by +60° (power factor
of 0.5C). Read the measured power, as P0.5C.
3) The phase offset PA0.5C is computed from the
equation:
tan(PA0.5C) = (1 - 2P0.5C/P1.0)/
If an inductive load (PF = 0.5L) is applied, the
phase offset equation becomes:
tan(PA0.5L) = (2P0.5L/P1.0 - 1)/
These equations can be expressed in terms of rela-
tive errors, where E1.0, E0.5C, and E0.5L are the
power relative errors at PF = 1.0, 0.5C, and 0.5L
respectively.
4) Solve for PA from one of the above equations.
5) Convert PA into integer number, by multiplying it by
216.
6) Convert to hex value and write to the appropriate
register.
Note that MAXQ3181 supports three offset values—
X.PA2, X.PA1, and X.PA0—corresponding to the low,
mid, and high range of the input signals, respectively.
Calibrating at the three loading levels could become
necessary if the phase error introduced by the current
sensors varies significantly with the input levels.
Registers I1THR and I2THR define the limits of the
ranges. If I1THR and I2THR are left at their default val-
ues of 0x0000, X.PA0 is applied to the full input range.
Phase Offset Calibration Example
Make sure X.PA0, X.PA1, and X.PA2 are cleared before
proceeding with calibrations. Assume the phase A has
been calibrated for A.VGAIN and A.IGAIN at Ib (= 10A).
At PF = 1.0, the active power relative error is E1.0 =
-0.4%. Set input to I = Ib and PF = 0.5L. The relative
error reported by the meter tester is E0.5L = 1.2%. Solve
for PA0.5L from the following equation:
where PA0.5L = 0.009274437 (radians) = 0.53° and
X.PA0 = 0.009274437 x 216 = 607.8095 = 0x0260.
Write 0x260 to A.PA0 (address 0x13E). If multirange
calibration is required, repeat the above procedure at
the desired input levels. The input levels for calibration
should be selected based the phase error characteris-
tics of the current sensors.
Interfacing the MAXQ3181 to
External Hardware
The MAXQ3181 has all the internal circuitry that is
needed for a sophisticated electricity meter, but specif-
ic external hardware is required when configuring the
meter for a particular application. The most critical
decision that must be made is how the load will be con-
nected to the power source, and how the meter will be
connected to measure power consumed in the load.
This section covers how to select hardware compo-
nents for a MAXQ3181 electricity meter.
tan(
)
()
./
.
.
..
.
PA
EE
E
L
L
05
10
05
10
31
0 4 100 1
=
−+
+
=
+ 22 100
1 0 4 100
3
0 009274703
/
(. /
)
.
−
=
tan(
)
()
.
..
.
PA
EE
E
L
L
05
10
05
10
31
=
−+
+
tan(
)
()
.
..
.
PA
EE
E
C
C
05
10
05
10
31
=
−
+
3
3
V
LAB
METER
V
UNIT
UNDER
TEST
LOAD
LINE
NEUTRAL
Figure 15. Offset Testing Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com