Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 55 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 55 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 51Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 52Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 53Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 54Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 55Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 56Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 57Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 58Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 59Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
______________________________________________________________________________________
55
Meter Pulse
The purpose of a meter pulse is generally to advance a
mechanical counter when such a device is used as a
display. Meter pulses are also used during calibration
since time intervals can be measured with great preci-
sion.
The MAXQ3181 supports one meter pulse output. This
output can be configured for either active positive or
active negative pulses by means of the POPOL bit in
the OPMODE1 register. When triggered, the pulse goes
to its active state and remains there for a period of time
defined by the PLS1_WD register, and then returns to
the inactive state (unless triggered again).
The PLS1_WD register contains the time in ADC frame
periods that the pulses remain in the active state when
triggered. By default, this register contains decimal 156
(0x9C) giving, at the default frame rate, a pulse width of
50ms.
Among the quantities that can be accumulated by the
pulse subsystem are the arithmetic active energy (that
is, the accumulated positive real energy minus the
accumulated negative real energy) and the absolute
active energy (that is, accumulated positive real energy
plus accumulated negative real energy). Other quanti-
ties include RMS voltage and current, positive and neg-
ative real energy. Select the desired accumulation
value in the QNSEL field of the PLSCFG1 register.
Also in the pulse configuration registers you can select
which phases to include in the accumulation. Set any or
all the PHASEA, PHASEB, and PHASEC bits in the
PLSCFG1 register to include them in the accumulation.
Generating Pulses
On every DSP cycle, the MAXQ3181 adds the value in
the selected register (or set of registers) to the pulse
accumulator. If the value in the pulse accumulator
exceeds the value in the associated threshold register
(THR1), then a pulse is started and the value in the
threshold register is subtracted from the value in the
pulse accumulator.
Meter Constant
A meter constant is the number of pulses that are gen-
erated during a standard measurement interval; for
example, a meter might specify a meter constant of
1600 pulses per kilowatt-hour. The THR1 register is
used to specify the meter constant according to the fol-
lowing formula:
In this formula, THR is the value to be written to the
threshold register, KM is the desired meter constant (in
pulses per kilowatt hour), IFS and VFS are the full-scale
voltage and current, respectively, and tFR is the frame
period in units of hours, as in the previous calculation.
As an example, assume once again a full-scale voltage
value of 558.1V = 0.5581kV, a full-scale current value of
102.4A, a desired meter constant of 1600 pulses per
kilowatt hour, and a default frame time of 320μs (88.9 x
10-9 hours). The threshold register value can be calcu-
lated as:
65,536/(1600 x 102.4 x 0.5581 x 88.9 x 10-9) =
8,063,071 = 0x7B085F
Increasing the value of the threshold register
reduces
the meter constant (that is, there are fewer pulses per
kilowatt-hour); reducing the threshold register
increases
the meter constant (that is, there are more pulses per
kilowatt-hour.)
Interrupts
The MAXQ3181 contains an interrupt subsystem to
relieve the host processor of the burden of constantly
polling the device for status. Instead, under certain cir-
cumstances, the MAXQ3181 can activate an external
pin to alert the host processor that some condition
requiring host attention has occurred.
Interrupts are managed globally by the IRQ_MASK and
IRQ_FLAG registers. In general, when a bit becomes
set in the IRQ_FLAG register, an interrupt is generated
if the corresponding bit is set in the IRQ_MASK register.
Interrupts can be configured for the following conditions:
PWRF: This flag indicates the VDVDD to the
MAXQ3181 has fallen below its nominal operating
threshold (about 2.85V). This can be taken as an
indication that power failure is imminent and that the
host processor should begin taking steps to ensure
an orderly shutdown.
CHSCH: This flag indicates that the CHKSUM regis-
ter changed its value.
EOVF: Energy overflow. This flag indicates that one or
more energy accumulators (X.EAPOS, X.EANEG, etc.)
have overflowed. In a traditional meter, the host
processor would poll the MAXQ3181 to determine
which of the energy accumulators have overflowed and
adjust its internal accounting registers accordingly.
OC: The RMS current value on one or more of the
phases over the most recent DSP cycle has exceed-
ed the value set in the OCLVL register.
THR
KI
V
t
MFS
FS
FR
=
××
×
216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com