Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 81 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 81 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 76Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 77Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 78Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 79Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 80Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 81Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 82Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 83Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 84Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
______________________________________________________________________________________
81
Neutral Current
RMS Current, Neutral (I.N) (0x840)
This register reports the RMS current of the neutral current
channel. The units are defined by the AMP_CC setting.
Special Commands
Table 7 shows the read-only virtual registers that acti-
vate special commands when read by the master.
Some commands return dummy values.
Applications Information
Grounds and Bypassing
Careful PCB layout significantly minimizes noise on the
analog inputs, resulting in less noise on the digital I/O
that could cause improper operation. The use of multi-
layer boards is essential to allow the use of dedicated
power planes. The area under any digital components
should be a continuous ground plane if possible. Keep
any bypass capacitor leads short for best noise rejec-
tion and place the capacitors as close to the leads of
the devices as possible.
The MAXQ3181 must have separate ground areas for
the analog (AGND) and digital (DGND) portions, con-
nected together at a single point.
CMOS design guidelines for any semiconductor require
that no pin be taken above DVDD or below DGND.
Violation of this guideline can result in a hard failure
(damage to the silicon inside the device) or a soft fail-
ure (unintentional modification of memory contents).
Voltage spikes above or below the device’s absolute
maximum ratings can potentially cause a devastating
IC latchup.
Microcontrollers commonly experience negative volt-
age spikes through either their power pins or general-
purpose I/O pins. Negative voltage spikes on power
pins are especially problematic as they directly couple
to the internal power buses. Devices such as keypads
can conduct electrostatic discharges directly into the
microcontroller and seriously damage the device.
System designers must protect components against
these transients that can corrupt system memory.
Specific Design Considerations for
MAXQ3181-Based Systems
To reduce the possibility of coupling noise into the
microcontroller, the system should be designed with a
crystal or oscillator in a metal case that is grounded to
the digital plane. Doing so reduces the susceptibility of
the design to fast transient noise.
Because the MAXQ3181 is designed for use in systems
where high voltages are present, care must be taken to
route all signal paths, both analog and digital, as far
away as possible from the high-voltage components.
It is possible to construct more elaborate metering
designs using multiple MAXQ3181 devices. This can be
accomplished by using a single SPI bus to connect all
NAME
ADDRESS
DESCRIPTION
DATA
LENGTH
(BYTES)
UPD_SFR
0x900
Reading this register copies the mirror registers (R_ADCF, R_ADCRATE,
R_ADCACQ, R_SPICF) into hardware SFR registers. The read returns dummy data.
1
UPD_MIR
0xA00
Reading this register copies hardware SFR registers into mirror registers (R_ADCF,
R_ADCRATE, R_ADCACQ, R_SPICF). The read returns dummy data.
1
DSPVER
0xC00
Reading this register returns the DSP firmware version number.
2
RAWTEMP
0xC01
Reading this register initiates the sampling and averaging of two internal
temperature readings. The result in internal temperature units is read from this
register LSB first. Use the following equation to convert a raw temperature reading to
Celsius: T[c] = T[raw] x TempFactor - 273.15
where TempFactor is a value to be determined by calibration. Note that the final
value may be slightly higher than ambient due to internal die heating.
2
ENTER STOP
0xC02
Reading this register places the device into Stop Mode.
1
ENTER LOWPM
0xC03
Reading this register places the device into LOWPM Mode.
1
EXIT LOWPM
0xC04
Reading this register exits LOWPM Mode.
1
Table 7. Virtual Registers That Activate Special Commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com