Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 72 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 72 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 68Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 69Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 70Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 71Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 72Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 73Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 74Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 75Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 76Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
72
______________________________________________________________________________________
Meter Measurement Averaging Filter (AVG_C) (0x030)
This register determines whether the all other measured values in the electricity meter are averaged over time. If the
value of this register is nonzero, all measured meter values are averaged using the following formula:
If the value of this register is zero, no averaging is performed. The MSB of this register must be zero.
Meter Measurement Highpass Filter (HPF_C) (0x032)
This register specifies the b0 coefficient of a first-order Butterworth filter using the following formula:
The MSB of this register must be zero.
Zero-Cross Lowpass Filter (ZC_LPF) (0x05A)
This register specifies the lowpass filter applied for zero-cross detection. The MSB of this register must be zero.
b
HPF C
0
16
2
=
_
yy
AVG C
xy
nn
nn
=+
−
−
−
1
1
16
2
_
Bit:
15
14
13
12
11
10
9
8
Name:
Meter Measurement Averaging Filter High Byte
Reset:
0x40
Bit:
7
6
5
4
3
2
1
0
Name:
Meter Measurement Averaging Filter Low Byte
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
Meter Measurement Highpass Filter High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Meter Measurement Highpass Filter Low Byte
Reset:
0xC8
Bit:
15
14
13
12
11
10
9
8
Name:
Zero-Cross Lowpass Filter High Byte
Reset:
0x0B
Bit:
7
6
5
4
3
2
1
0
Name:
Zero-Cross Lowpass Filter Low Byte
Reset:
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com