Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 52 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 52 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 48Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 49Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 50Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 51Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 52Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 53Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 54Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 55Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 56Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
52
______________________________________________________________________________________
tents of I1THR, then the angle expressed in PA0 is used
to compensate the phase angle. If the raw RMS current
is less than I2THR, then the angle expressed in PA2 is
used to compensate the phase angle. And if the raw
RMS current falls between I1THR and I2THR then PA1 is
used to compensate the phase angle. In this way, a
three-piece stepwise approximation of the phase
response of the current sensor is available.
To use a constant phase compensation, set I1THR and
I2THR to zero and insert the phase compensation value
into PA0.
Apparent energy is calculated as the product of the raw
RMS volts and amps.
Line Frequency: Line frequency can be taken directly
from the NS value. Recall that NS is the number of
frames in a DSP cycle. Since each frame is 320μs, sim-
ply multiply NS by 320μs and divide by CYCNT to
obtain the line period. The reciprocal of this is the line
frequency.
Energy Accumulation
Once real energy over the most recent DSP cycle has
been calculated, it is necessary to accumulate the
result.
The result accumulated during any DSP cycle can be
positive (that is, energy is delivered to the load) or neg-
ative (that is, energy is driven back into the line). These
values are separately accumulated.
Apparent energy is also accumulated, but since this
value is always positive or zero, there is only one
apparent energy accumulator.
From time to time, the accumulators generate an over-
flow. When this occurs, the appropriate bit is set in the
overflow status register X.EOVER.
When an overflow occurs, supervisory code running on
the host processor must make the appropriate adjust-
ments in the reported energy. In many cases, this could
simply involve incrementing an overflow counter. The
host processor must then clear the overflow indication.
No-Zero-Crossing Detection
The MAXQ3181 monitors the voltage signal on each
phase for zero-crossing events. If no ascending zero
crossings are detected within a specified number
(NZX_TIMO) of analog scan sample periods, the
NOZXF (X.FLAGS) flag is set by the MAXQ3181 to noti-
fy the master of this condition. If the NOZXM bit is set,
this flag sets the NOZX bit in the IRQ_FLAG. If the inter-
rupt enable bit ENOZX is set to 1, the interrupt signal
IRQ is driven low by the MAXQ3181 whenever NOZX =
1. The master can clear NOZXF and NOZX back to 0 to
remove the interrupt condition.
Phase Sequence Status
A phase sequence status bit PHSEQ indicates the
order in which zero crossings are detected. When a
zero-crossing event occurs on the phase A voltage sig-
nal, followed by phase B, phase C, and then phase A
PA
PA
I
I THR
PA I THR
I
I THR
PA
RMS
RMS
=
≥
>≥
01
11
2
2
,
,)
,,I
I THR
RMS <
⎧
⎨
⎪
⎩
⎪
⎫
⎬
⎪
⎭
⎪
2
AVERAGE
AVG_C
EAPPARENT
E_GAIN
APPSEL = 0
X
× Y
RAW_I
RAW_V
Figure 12. Apparent Energy Calculations
PHASE
COMPENSATION
PA0
PA1
PA2
EP
LINEARIZATION
AVERAGE
AVG_C
EREAL
E_RAWREAL
OFFS_HI
GAIN_LO
OFFS_LO
E_GAIN
Figure 11. Phase Compensation for Energy Calculations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com