Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 77 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 77 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 73Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 74Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 75Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 76Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 77Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 78Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 79Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 80Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 81Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
______________________________________________________________________________________
77
Linearity Compensation
Linearity Offset, High Range, Phase X = A/B/C (X.OFFS_HI) (A: 0x138, B: 0x224, C: 0x310)
This signed register contains the linearity offset for phase X current channel when the programmable gain amplifier
is set to unity gain (that is, the measured current is above the low current threshold). The signed value represented
by this register is added to the current value according to following formula:
if LINFRM = 0:
if LINFRM = 1: X.IRMS + X.OFFS_HI x 24
Linearity Gain Coefficient, Low Range, Phase X = A/B/C (X.GAIN_LO)
(A: 0x13A, B: 0x226, C: 0x312)
This register contains the linearity coefficient for phase X current channel when the programmable gain amplifier is
set to gain of 32 (that is, the measured current is below the low current threshold). The effective gain is given by the
equation:
XGAIN LO
._
214
X IRMS
X OFFS HI
..
_
224
2
+×
Bit:
15
14
13
12
11
10
9
8
Name:
Linearity Offset High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Linearity Offset Low Byte
Reset:
0x00
Bit:
15
14
13
12
11
10
9
8
Name:
Linearity Coefficient High Byte
Reset:
0x40
Bit:
7
6
5
4
3
2
1
0
Name:
Linearity Coefficient Low Byte
Reset:
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com