Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXQ3181-RAN+ Datasheet(PDF) 78 Page - Maxim Integrated Products

Part # MAXQ3181-RAN+
Description  Low-Power, Active Energy, Polyphase AFE
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3181-RAN+ Datasheet(HTML) 78 Page - Maxim Integrated Products

Back Button MAXQ3181-RAN+ Datasheet HTML 74Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 75Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 76Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 77Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 78Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 79Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 80Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 81Page - Maxim Integrated Products MAXQ3181-RAN+ Datasheet HTML 82Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
Low-Power, Active Energy, Polyphase AFE
78
______________________________________________________________________________________
Linearity Offset, Low Range, Phase X = A/B/C (X.OFFS_LO) (A: 0x13C, B: 0x228, C: 0x314)
This signed register contains the linearity offset for phase X current channel when the programmable gain amplifier
is set to gain of 32 (that is, the measured current is below the low current threshold). The signed value represented
by this register is added to the current value. The total linearity compensation is applied as follows:
if LINFRM = 0: X.GAIN_LO/214 x
if LINFRM = 1: X.GAIN_LO/214 x (X.IRMS + X.OFFS_LO)
Measurements—RAM Registers
On-Demand RMS Result (N.IRMS) (0x11C)
This register contains the result of the RMS calculation on the AUX channel. Usually, this is the neutral current
channel.
X IRMS
X OFFS LO
..
_
216
2
+×
Bit:
15
14
13
12
11
10
9
8
Name:
Linearity Offset High Byte
Reset:
0x00
Bit:
7
6
5
4
3
2
1
0
Name:
Linearity Offset Low Byte
Reset:
0x00
Bit:
31
30
29
28
27
26
25
24
Name:
RMS Result, Byte 3
Reset:
Bit:
23
22
21
20
19
18
17
16
Name:
RMS Result, Byte 2
Reset:
Bit:
15
14
13
12
11
10
9
8
Name:
RMS Result, Byte 1
Reset:
Bit:
7
6
5
4
3
2
1
0
Name:
RMS Result, Byte 0
Reset:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com