Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 172 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 172 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 168Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 169Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 170Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 171Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 172Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 173Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 174Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 175Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 176Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 458 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV2)
MC9S08DZ128 Series Data Sheet, Rev. 1
172
Freescale Semiconductor
8.3.2
MCG Control Register 2 (MCGC2)
76
5
4
3
2
1
0
R
BDIV
RANGE
HGO
LP
EREFS
ERCLKEN
EREFSTEN
W
Reset:
0
1
0
0
0
0
0
0
Figure 8-4. MCG Control Register 2 (MCGC2)
Table 8-4. MCG Control Register 2 Field Descriptions
Field
Description
7:6
BDIV
Bus Frequency Divider — Selects the amount to divide down the clock source selected by the CLKS bits in the
MCGC1 register. This controls the bus frequency.
00
Encoding 0 — Divides selected clock by 1
01
Encoding 1 — Divides selected clock by 2 (reset default)
10
Encoding 2 — Divides selected clock by 4
11
Encoding 3 — Divides selected clock by 8
5
RANGE
Frequency Range Select — Selects the frequency range for the external oscillator or external clock source.
1 High frequency range selected for the external oscillator of 1 MHz to 16 MHz (1 MHz to 40 MHz for external
clock source)
0 Low frequency range selected for the external oscillator of 32 kHz to 100 kHz (32 kHz to 1 MHz for external
clock source)
4
HGO
High Gain Oscillator Select — Controls the external oscillator mode of operation.
1 Configure external oscillator for high gain operation
0 Configure external oscillator for low power operation
3
LP
Low Power Select — Controls whether the FLL (or PLL) is disabled in bypassed modes.
1 FLL (or PLL) is disabled in bypass modes (lower power)
.
0 FLL (or PLL) is not disabled in bypass modes.
2
EREFS
External Reference Select — Selects the source for the external reference clock.
1 Oscillator requested
0 External Clock Source requested
1
ERCLKEN
External Reference Enable — Enables the external reference clock for use as MCGERCLK.
1 MCGERCLK active
0 MCGERCLK inactive
0
EREFSTEN
External Reference Stop Enable — Controls whether or not the external reference clock remains enabled when
the MCG enters stop mode.
1 External reference clock stays enabled in stop if ERCLKEN is set or if MCG is in FEE, FBE, PEE, PBE, or
BLPE mode before entering stop
0 External reference clock is disabled in stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com