Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 175 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 175 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 171Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 172Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 173Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 174Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 175Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 176Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 177Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 178Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 458 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV2)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
175
8.3.5
MCG Control Register 3 (MCGC3)
1
OSCINIT
OSC Initialization — If the external reference clock is selected by ERCLKEN or by the MCG being in FEE, FBE,
PEE, PBE, or BLPE mode, and if EREFS is set, then this bit is set after the initialization cycles of the external
oscillator clock have completed. This bit is only cleared when either EREFS is cleared or when the MCG is in
either FEI, FBI, or BLPI mode and ERCLKEN is cleared.
0
FTRIM
MCG Fine Trim — Controls the smallest adjustment of the internal reference clock frequency. Setting FTRIM
will increase the period and clearing FTRIM will decrease the period by the smallest amount possible.
If an FTRIM value stored in nonvolatile memory is to be used, it’s the user’s responsibility to copy that value from
the nonvolatile memory location to this register’s FTRIM bit.
7
654
3
210
R
LOLIE
PLLS
CME
DIV32
VDIV
W
Reset:
0
0
0
0
0
0
0
1
Figure 8-7. MCG Control Register 3 (MCGC3)
Table 8-7. MCG Control Register 3 Field Descriptions
Field
Description
7
LOLIE
Loss of Lock Interrupt Enable — Determines if an interrupt request is made following a loss of lock indication.
The LOLIE bit only has an effect when LOLS is set.
0 No request on loss of lock.
1 Generate an interrupt request on loss of lock.
6
PLLS
PLL Select — Controls whether the PLL or FLL is selected. If the PLLS bit is clear, the PLL is disabled in all
modes. If the PLLS is set, the FLL is disabled in all modes.
1 PLL is selected
0 FLL is selected
5
CME
Clock Monitor Enable — Determines if a reset request is made following a loss of external clock indication. The
CME bit should only be set to a logic 1 when either the MCG is in an operational mode that uses the external
clock (FEE, FBE, PEE, PBE, or BLPE) or the external reference is enabled (ERCLKEN=1 in the MCGC2
register). Whenever the CME bit is set to a logic 1, the value of the RANGE bit in the MCGC2 register should not
be changed.
0 Clock monitor is disabled.
1 Generate a reset request on loss of external clock.
Table 8-6. MCG Status and Control Register Field Descriptions (continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com