Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 174 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 174 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 170Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 171Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 172Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 173Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 174Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 175Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 176Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 177Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 178Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 458 page
background image
Chapter 8 Multi-Purpose Clock Generator (S08MCGV2)
MC9S08DZ128 Series Data Sheet, Rev. 1
174
Freescale Semiconductor
8.3.4
MCG Status and Control Register (MCGSC)
7
654
3
210
R
LOLS
LOCK
PLLST
IREFST
CLKST
OSCINIT
FTRIM1
1 A value for FTRIM is loaded during reset from a factory programmed location when not in any BDM mode. If in a BDM
mode, a default value of 0x0 is loaded.
W
Reset:
0
0
0
1
0
0
0
Figure 8-6. MCG Status and Control Register (MCGSC)
Table 8-6. MCG Status and Control Register Field Descriptions
Field
Description
7
LOLS
Loss of Lock Status — This bit is a sticky indication of lock status for the FLL or PLL. LOLS is set when lock
detection is enabled and after acquiring lock, the FLL or PLL output frequency has fallen outside the lock exit
frequency tolerance, Dunl. LOLIE determines whether an interrupt request is made when set. LOLS is cleared by
reset or by writing a logic 1 to LOLS when LOLS is set. Writing a logic 0 to LOLS has no effect.
0 FLL or PLL has not lost lock since LOLS was last cleared.
1 FLL or PLL has lost lock since LOLS was last cleared.
6
LOCK
Lock Status — Indicates whether the FLL or PLL has acquired lock. Lock detection is disabled when both the
FLL and PLL are disabled. If the lock status bit is set, changing the value of DMX32, DRS and IREFS bits in FBE,
FBI, FEE and FEI modes; DIV32 bit in FBE and FEE modes; TRIM[7:0] bits in FBI and FEI modes; RDIV[2:0]
bits in FBE, FEE, PBE and PEE modes; VDIV[3:0] bits in PBE and PEE modes; and PLLS bit, causes the lock
status bit to clear and stay clear until the FLL or PLL has reacquired lock. Entry into BLPI, BLPE or stop mode
also causes the lock status bit to clear and stay cleared until the exit of these modes and the FLL or PLL has
reacquired lock.
0 FLL or PLL is currently unlocked.
1 FLL or PLL is currently locked.
5
PLLST
PLL Select Status — The PLLST bit indicates the current source for the PLLS clock. The PLLST bit does not
update immediately after a write to the PLLS bit due to internal synchronization between clock domains.
0 Source of PLLS clock is FLL clock.
1 Source of PLLS clock is PLL clock.
4
IREFST
Internal Reference Status — The IREFST bit indicates the current source for the reference clock. The IREFST
bit does not update immediately after a write to the IREFS bit due to internal synchronization between clock
domains.
0 Source of reference clock is external reference clock (oscillator or external clock source as determined by the
EREFS bit in the MCGC2 register).
1 Source of reference clock is internal reference clock.
3:2
CLKST
Clock Mode Status — The CLKST bits indicate the current clock mode. The CLKST bits do not update
immediately after a write to the CLKS bits due to internal synchronization between clock domains.
00
Encoding 0 — Output of FLL is selected.
01
Encoding 1 — Internal reference clock is selected.
10
Encoding 2 — External reference clock is selected.
11
Encoding 3 — Output of PLL is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com