Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 48Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 49Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 50Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 51Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 52Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 53Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 54Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 55Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
52
June 11, 2010
Short Address Registers
Legend: r=reserved
Addr.
File
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
0x00
RXMCR
r
r
NOACKRSP
rrrrr
0000 0000
0x03
AUINFL
AUINF7
AUINF6
AUINF5
AUINF4
AUINF3
AUINF2
AUINF1
AUINF0
0000 0000
0x04
AUINFH
AUINF15
AUINF14
AUINF13
AUINF12
AUINF11
AUINF10
AUINF9
AUINF8
0000 0000
0x05
DADR_0
DADR[7:0]
0000 0000
0x06
DADR_1
DADR[15:8]
0000 0000
0x07
DADR_2
DADR[23:16]
0000 0000
0x08
DADR_3
DADR[31:24]
0000 0000
0x0D
RXFLUSH
r
WAKEPOL
WAKEPAD
r
r
PTX
r
RXFLUSH
0110 0000
0x12
ACKTO
r
MATOP6
MATOP5
MATOP4
MATOP3
MATOP2
MATOP1
MATOP0
0011 1001
0x17
PACON
r
r
r
PAONTS3
PAONTS2
PAONTS1
PAONTS0
r
0000 0010
0x18
TXCON
r
r
TXONTS3
TXONTS2
TXONTS1
TXONTS0
r
r
1000 1000
0x1B
TXTRIG
TXRTYN3
TXRTYN2
TXRTYN1
TXRTYN0
r
TXACKREQ
r
TXTRIG
0011 0000
0x22
WAKECTL
IMMWAKE
REGWAKE
rrrrrr
0100 0000
0x24
TXSR
TXRETRY3
TXRETRY2
TXRETRY1
TXRETRY0
r
r
r
TXNS
0000 0000
0x26
GATECLK
r
r
SPISYNC
r
r
ENTXM
r
r
0000 0000
0x2A
SOFTRST
rrrrrr
RSTBB
RSTMAC
0000 0000
0x2E
TXPEMISP
TXPET3
TXPET2
TXPET1
TXPET0
rrrr
0111 0101
0x30
RXSR
RXFFFULL
WRFF1
r
RXFFOVFL RXCRCERR
r
r
r
0000 0000
0x31
ISRSTS
r
WAKEIF
r
r
RXIF
r
r
TXNIF
0000 0000
0x32
INTMSK
r
WAKEMSK
r
r
RXMSK
r
r
TXNMSK
1111 1111
0x34
BATRXF
r
r
BATIND
r
r
r
RDFF1
RXFIFO2
0000 0000
0x35
SLPACK
SLPACK
WAKECNT6 WAKECNT5 WAKECNT4 WAKECNT3 WAKECNT2 WAKECNT1 WAKECNT0
0000 0000
0x36
RFCTL
r
r
r
WAKECNT8 WAKECNT7
RFRST
r
r
0000 0000
0x38
BBREG0
rrrrrrr
TURBO
1000 0001
Short Address Registers List



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com