Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 73Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 74Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 75Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 76Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 77Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 78Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 79Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 80Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
77
June 11, 2010
· LREG0x20A - SLPCAL_1: Sleep Clock Calibration 1
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
SLPCAL15 SLPCAL14 SLPCAL13 SLPCAL12 SLPCAL11 SLPCAL10
SLPCAL9
SLPCAL8
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7-0
SLPCAL [15:8]: Sleep Clock Calibration Counter bit 15~8
A 20-bit calibration counter which calibrates the sleep clock. SLPCAL [19:0] indicates the time
period of 16 sleep clock cycles. The unit is 62.5ns, counted by the 16MHz.
· LREG0x20B - SLPCAL_2: Sleep Clock Calibration 2
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
SLPCALRDY
¾¾
SLPCALEN SLPCAL19 SLPCAL18 SLPCAL17 SLPCAL16
Type
R
R
R
WT
R/W
R/W
R/W
R/W
POR
0
0
0
00000
Bit 7
SLPCALRDY: Sleep Clock Calibration Ready
1: Sleep Clock Calibration counter is ready to be read.
0: Not Ready (default)
Bit 6-5
Reserved: Maintain as
²0b00²
Bit 4
SLPCALEN: Sleep Clock Calibration Enable
1: Starts the Sleep Clock Calibration counter. Bit is automatically cleared to
²0² by hardware
Bit 3-0
SLPCAL [19:16]: Sleep Clock Calibration Counter bit 19~16
A 20-bit calibration counter which calibrates the sleep clock. SLPCAL [19:0] indicates the time
period of 16 sleep clock cycles. The unit is 62.5ns, counted by the 16MHz.
· LREG0x211 - IRQCTRL: Interrupt Control Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾¾¾¾¾
IRQPOL
¾
Type
RRRRRR
R/W
R
POR
00000000
Bit 7~2
Reserved: Maintain as
²0b000000²
Bit 1
IRQPOL: Interrupt Edge Polarity
1: Rising Edge
0: Falling Edge (default)
Bit 0
Reserved: Maintain as
²0b0²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com