Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 66 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 66 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 62Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 63Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 64Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 65Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 66Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 67Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 68Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 69Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 70Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
66
June 11, 2010
· SREG0x06 - DADR_1: Device Address 1
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
DADR15
DADR14
DADR13
DADR12
DADR11
DADR10
DADR9
DADR8
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
DADR [15:8]: 32-bit Address of the RF Transceiver
· SREG0x07 - DADR_2: Device Address 2
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
DADR23
DADR22
DADR21
DADR20
DADR19
DADR18
DADR17
DADR16
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
DADR [23:16]: 32-bit Address of the RF Transceiver.
· SREG0x08 - DADR_3: Device Address 3
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
DADR31
DADR30
DADR29
DADR28
DADR27
DADR26
DADR25
DADR24
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
DADR [31:24]: 32-bit Address of the RF Transceiver
· SREG0x0D - RXFLUSH: Receive FIFO Flush
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾¾¾¾
PTX
¾
RXFLUSH
Type
RRRRR
R/W
R
WT
POR
01100000
Bit 7
Reserved: maintain as
²0b0²
Bit 6-5
Reserved: maintain as
²0b11²
Bit 4-3
Reserved: maintain as
²0b00²
Bit 2
PTX: Primary TX mode enable (1)
1: primary TX mode
0: primary RX mode (default)
Note: RF reset, SREG0x36 [2], is needed after switching between PTX and PRX modes
Bit 1
Reserved: maintain as
²0b0²
Bit 0
RXFLUSH: Flush the RX FIFO
1: Flush RX FIFO. RX FIFO data is not modified. If Ping-pong FIFO is enabled
(SREG0x34 [0] =1), both FIFOs are flushed at the same time. Bit is automatically cleared to
²0² by hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com