Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 74 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 74 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 70Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 71Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 72Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 73Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 74Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 75Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 76Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 77Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 78Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
74
June 11, 2010
· LREG0x203 - RFCTRL3: RF Control Register 3
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
TXGB4
TXGB3
TXGB2
TXGB1
TXGB0
¾¾¾
Type
R/W
R/W
R/W
R/W
R/W
R
R
R
POR
00000000
Bit 7-3
TXGB [4:0]: TX Gain Control in dB. Gain step is monotonic and nonlinear with gain resolution
of 0.1 ~ 0.5 dB. Gain Resolution is variable between chips.
00000: 0 dBm (default)
00001: -0.1 dBm
00010: -0.3 dBm
00011: -0.6 dBm
00100: -0.9 dBm
00101: -1.1 dBm
00110: -1.2 dBm
00111: -1.3 dBm
01000: -1.4 dBm
01001: -1.5 dBm
01010: -1.7 dBm
01011: -2.0 dBm
01100: -2.2 dBm
01101: -2.4 dBm
01110: -2.6 dBm
01111: -2.8 dBm
10000: -3.1 dBm
10001: -3.3 dBm
10010: -3.6 dBm
10011: -3.8 dBm
10100: -4.2 dBm
10101: -4.4 dBm
10110: -4.7 dBm
10111: -5.0 dBm
11000: -5.3 dBm
11001: -5.7 dBm
11010: -6.2 dBm
11011: -6.5 dBm
11100: -6.9 dBm
11101: -7.4 dBm
11110: -7.9 dBm
11111: -8.3 dBm
TX Output Power Configuration Summary table:
TX Output Power Register Control
LREG0x253 [3:0]
LREG0x274 [7:0]
LREG0x203 [7:3]
TX Output Power
00
C6 for DC-DC OFF
00000
0 dBm
00001
-0.1 dBm
00010
-0.3 dBm
00011
-0.6 dBm
00100
-0.9 dBm
00101
-1.1 dBm
00110
-1.2 dBm
00111
-1.3 dBm
01000
-1.4 dBm
01001
-1.5 dBm
01010
-1.7 dBm
01011
-2.0 dBm
01100
-2.2 dBm
01101
-2.4 dBm
01110
-2.6 dBm
01111
-2.8 dBm
10000
-3.1 dBm
10001
-3.3 dBm
10010
-3.6 dBm
10011
-3.8 dBm
10100
-4.2 dBm
10101
-4.4 dBm
10110
-4.7 dBm
10111
-5.0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com