Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 67 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 67 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 63Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 64Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 65Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 66Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 67Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 68Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 69Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 70Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 71Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
67
June 11, 2010
· SREG0x12 - ACKTO: Acknowledgement Timeout Period
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾
MATOP6
MATOP5
MATOP4
MATOP3
MATOP2
MATOP1
MATOP0
Type
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00111001
Bit 7
Reserved: maintain as
²0b0²
Bit 6~0
MATOP [6:0]: Maximum Acknowledgement Timeout Period
0000000: 0 (default)
0000001: 1
0000010: 2
:
0111001: 57
:
1111111: 127
· SREG0x17 - PACON: Power Amplifier Control Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾¾
PAONTS3
PAONTS2
PAONTS1
PAONTS0
¾
Type
R
R
R
R/W
R/W
R/W
R/W
R
POR
00000010
Bit 7~5
Reserved: maintain as
²0b000²
Bit 4~1
PAONTS [3:0]: Power Amplifier Settling Time to begin packet transmission.
0001: (default)
0100: (optimized - do not change)
Bit 0
Reserved: maintain as
²0b0²
· SREG0x18 - TXCON: Transmitter Control Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾
TXONTS3
TXONTS2
TXONTS1
TXONTS0
¾¾
Type
R
R
R/W
R/W
R/W
R/W
R
R
POR
00001000
Bit 7~6
Reserved: maintain as
²0b00²
Bit 5~2
TXONTS [3:0]: Transmitter Settling Time to begin packet transmission
0010: (default)
0101: (optimized - do not change)
Bit 1~0
Reserved: maintain as
²0b00²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com