Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 78 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 78 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 74Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 75Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 76Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 77Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 78Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 79Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 80Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 81Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 82Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
78
June 11, 2010
· LREG0x22F - TESTMODE: Test Mode Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
MSPI
¾¾¾¾
TESTMODE2 TESTMODE1 TESTMODE0
Type
R/W
RRRR
R/W
R/W
R/W
POR
0
0101
0
0
0
Bit 7
MSPI: Multiple SPI Operation
1: Enable multiple SPI Operation, SO will be High-Z state when SPI inactive
0: Single SPI Operation, SO will be low when SPI inactive (default)
Bit 6-3
Reserved: Maintain as
²0b0101²
Bit 2-0
TESTMODE [2:0]: Special Operation
000: (default) Normal Operation
001: GPIO0, GPIO1 and GPIO2 are configured to control the external P.A., LNA and RF switch
101: Single-Tone test mode
Others: Undefined.
· LREG0x23D - GPIODIR: GPIO Pin Direction
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾
GDIRCTRL2 GDIRCTRL1 GDIRCTRL0 GPIO2DIR
GPIO1DIR
GPIO0DIR
Type
R
R
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
111111
Bit 7-6
Reserved: Maintain as
²0b00²
Bit 5-3
GDIRCTRL [2:0]: GPIO Direction Control
000: (Optimized - do not change)
111: (default)
Bit 2
GPIO2DIR: General Purpose I/O GPIO2 Direction
1: Input (default)
0: Output
Bit 1
GPIO1DIR: General Purpose I/O GPIO1 Direction
1: Input (default)
0: Output
Bit 0
GPIO0DIR: General Purpose I/O GPIO0 Direction
1: Input (default)
0: Output
· LREG0x23E - GPIO: GPIO
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾¾¾¾
GPIO2
GPIO1
GPIO0
Type
RRRRR
R/W
R/W
R/W
POR
00000
0
0
0
Bit 7~3
Reserved: Maintain as
²0b00000²
Bit 2
GPIO2: Setting for output/Status for input of General Purpose I/O Pin GPIO2
0: (default)
Bit 1
GPIO1: Setting for output/Status for input of General Purpose I/O Pin GPIO1
0: (default)
Bit 0
GPIO0: Setting for output/Status for input of General Purpose I/O Pin GPIO0
0: (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com