Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 75 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 75 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 71Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 72Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 73Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 74Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 75Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 76Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 77Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 78Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 79Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
75
June 11, 2010
TX Output Power Register Control
LREG0x253 [3:0]
LREG0x274 [7:0]
LREG0x203 [7:3]
TX Output Power
00
C6 for DC-DC OFF
11000
-5.3 dBm
11001
-5.7 dBm
11010
-6.2 dBm
11011
-6.5 dBm
11100
-6.9 dBm
11101
-7.4 dBm
11110
-7.9 dBm
11111
-8.3 dBm
0C
81
11111
-16 dBm
0C
09
11111
-24 dBm
09
01
11111
-32 dBm
08
01
11111
-40 dBm
Bit 2~0
Reserved: Maintain as
²0b000²
· LREG0x204 - RFCTRL4: RF Control Register 4
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾¾¾¾
RXFCO
RXD2O1
RXD2O0
Type
RRRRR
R/W
R/W
R\/W
POR
00000000
Bit 7~3
Reserved: Maintain as
²0b00000²
Bit 2
RXFCO: RX Filter Calibration output
1: (optimized - do not change)
0: (default)
Bit 1~0
RXD2O [1:0]: RX Divide-by-2 option
00: (default)
10: (optimized - do not change)
· LREG0x205 - RFCTRL5: RF Control Register 5
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
BATTH3
BATTH2
BATTH1
BATTH0
¾¾¾¾
Type
R/W
R/W
R/W
R/W
RRRR
POR
00000000
Bit 7~4
BATTH [3:0]: Battery Monitor Threshold.
0000: 1.8V (default)
0001: 1.9V
0010: 2.0V
0011: 2.1V
0100: 2.2V
0101: 2.3V
0110: 2.4V
0111: 2.5V
1000: 2.6V
1001: 2.7V
1010: 2.8V
1011: 2.9V
1100: 3.0V
1101: 3.3V
1110: 3.4V
1111: 3.6V
Bit 3~0
Reserved: Maintain as
²0b0000²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com