Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 71 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 71 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 67Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 68Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 69Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 70Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 71Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 72Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 73Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 74Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 75Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
71
June 11, 2010
· SREG0x32 - INTMSK: Interrupt Mask control Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾
WAKEMSK
¾¾
RXMSK
¾¾
TXNMSK
Type
R
R/W
R
R
R/W
R
R
R/W
POR
11111111
Bit 7
Reserved: maintain as
²0b1²
Bit 6
WAKEMSK: Wake-up Alert Interrupt Mask
1: disable the wake-up interrupt (default)
0: enable the wake-up alert interrupt
Bit 5~4
Reserved: maintain as
²0b11²
Bit 3
RXMSK: RX FIFO Reception Interrupt Mask
1: disable the RX FIFO reception interrupt (default)
0: enable the RX FIFO reception interrupt
Bit 2~1
Reserved: maintain as
²0b11²
Bit 0
TXNMSK: TX FIFO Normal Transmission Interrupt Mask
1: disable the TX FIFO Normal Transmission interrupt (default)
0: enable the TX FIFO Normal Transmission interrupt
· SREG0x34 - BATRXF: Battery and RX FIFO control Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾
BATIND
¾¾¾
RDFF1
RXFIFO2
Type
RRRRRRR
R/W
POR
00000000
Bit 7~6
Reserved: Maintain as
²0b00²
Bit 5
BATIND: Battery Low Indicator
1: battery voltage is lower than the threshold voltage specified by the LREG0x205 [7:4].
0: battery voltage is higher than the threshold voltage specified by the LREG0x205 [7:4]
(default)
Bit 4~2
Reserved: Maintain as
²0b000²
Bit 1
RDFF1: RX FIFO Selected to Read
1: read data from RX FIFO 1
0: read data from RX FIFO 0 (default)
Bit 0
RXFIFO2: RX Ping-Pong FIFO Enable Control
1: enable the RX Ping-Pong FIFOs
0: disable the RX Ping-Pong FIFOs (default)
· SREG0x35 - SLPACK: Sleep Acknowledgement and Wake-up Counter Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
SLPACK
WAKECNT6 WAKECNT5 WAKECNT4 WAKECNT3 WAKECNT2 WAKECNT1 WAKECNT0
Type
WT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
SLPACK: Sleep Acknowledgement
Place the RF Transceiver to Power Saving Mode. bit is automatically cleared to 0 by hardware.
Bit 6~0
WAKECNT [6:0]: System Clock Recovery Time
0000000: (default).
WAKECNT is a 9-bit value. The WAKECNT [8:7] bits are located in SREG0x36 [4:3].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com