Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 76 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 76 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 72Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 73Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 74Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 75Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 76Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 77Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 78Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 79Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 80Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
76
June 11, 2010
· LREG0x206 - RFCTRL6: RF Control Register 6
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
TXFBW1
TXFBW0
32MXCO1
32MXCO0
BATEN
¾¾¾
Type
R/W
R/W
R/W
R/W
R/W
R
R
R
POR
11110000
Bit 7~6
TXFBW [1:0]: TX Filter
00: Optimized for 250k bps Normal Mode
11: Optimized for 1M bps Turbo Mode
Bit 5~4
32MXCO [1:0]: 32MHz Crystal Oscillator
00: (Optimized - do not change)
11: (default)
Bit 3
BATEN: Battery Monitor Enable
1: Enable
0: Disable (default)
Bit 2~0
Reserved: Maintain as
²0b000²
· LREG0x207 - RFCTRL7: RF Control Register 7
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾¾
RXFC2
¾¾¾¾
Type
R
R
R
R/W
RRRR
POR
00000000
Bit 7~5
Reserved: Maintain as
²0b000²
Bit 4
RXFC2: RX Filter Control 2
1: For 1M bps Turbo Mode
0: For 250k bps Normal Mode (default)
Bit 3~0
Reserved: Maintain as
²0b0000²
· LREG0x208 - RFCTRL8: RF Control Register 8
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
TXD2CO1
TXD2CO0
¾¾¾¾¾¾
Type
R/W
R/W
RRRRRR
POR
00001100
Bit 7~6
TXD2CO [1:0]: TX Divide-by-2 Option
00: (default)
10: (Optimized - do not change)
Bit 5~0
Reserved: Maintain as
²0b001100²
· LREG0x209 - SLPCAL_0: Sleep Clock Calibration 0
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
SLPCAL7
SLPCAL6
SLPCAL5
SLPCAL4
SLPCAL3
SLPCAL2
SLPCAL1
SLPCAL0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~0
SLPCAL [7:0]: Sleep Clock Calibration Counter bit 7~0
A 20-bit calibration counter which calibrates the sleep clock. SLPCAL [19:0] indicates the time
period of 16 sleep clock cycles. The unit is 62.5ns, counted by the 16MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com