Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 83 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 83 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 79Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 80Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 81Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 82Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 83Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 84Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 85Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 86Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 87Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
83
June 11, 2010
· LREG0x275 - RFCTRL75: RF Control Register 75
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾¾¾
SCLKOPT3
SCLKOPT2
SCLKOPT1
SCLKOPT0
Type
RRRR
R/W
R/W
R/W
R/W
POR
0
0
0
1
0101
Bit 7~4
Reserved: Maintain as
²0b0001²
Bit 3~0
SCLKOPT [3:0]: Sleep Clock Optimization
0011: (Optimized - do not change)
0101: (default)
· LREG0x276 - RFCTRL76: RF Control Register 76
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾¾¾¾
SCLKOPT6
SCLKOPT5
SCLKOPT4
Type
RRRRR
R/W
R/W
R/W
POR
00000
0
0
1
Bit 7~3
Reserved: Maintain as
²0b00000²
Bit 2~0
SCLKOPT [6:4]: Sleep Clock Optimization
111: (Optimized - do not change)
001: (default)
· LREG0x277 - RFCTRL77: RF Control Register 77
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾
SLPSEL1
SLPSEL0
SLPVCTRL1 SLPVCTRL0 SLPVSEL1 SLPVSEL0
Type
R
R
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
00
1
0
00
Bit 7~6
Reserved: Maintain as
²0b00²
Bit 5~4
SLPSEL [1:0]: Power Saving Mode Selection
00: (default) Standby / Deep Sleep Mode
01: Undefined
10: Undefined
11: Power down Mode
Bit 3~2
SLPVCTRL [1:0]: Sleep Voltage Control
00: Undefined
01: Controlled by LREG0x27 [1:0]
10: (default) automatically controlled by internal circuit
11: Undefined
Bit 1~0
SLPVSEL [1:0]: Sleep Voltage Selection
00: (default - no not change)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com