Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 69 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 69 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 65Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 66Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 67Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 68Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 69Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 70Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 71Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 72Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 73Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
69
June 11, 2010
· SREG0x26 - GATECLK: Gated Clock control Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾
SPISYNC
¾¾
ENTRM
¾¾
Type
R
R
R/W
R
R
R/W
R
R
POR
00000000
Bit 7~6
Reserved: maintain as
²0b00²
Bit 5
SPISYNC: SPI Interface Synchronization
1: enable (optimized - do not change)
0: disable (default)
Bit 4~3
Reserved: maintain as
²0b00²
Bit 2
ENTRM: TX MAC Clock Enable Control
1: enable
0: disable (default)
Bit 1~0
Reserved: maintain as
²0b00²
· SREG0x2A - SOFTRST: Software Reset control Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾¾¾¾¾
RSTBB
RSTMAC
Type
RRRRRR
WT
WT
POR
00000000
Bit 7-2
Reserved: Maintain as
²0b000000²
Bit 1
RSTBB: Baseband Reset
1: reset baseband circuitry. Initialization is not needed after RSTBB reset. Bit is automatically
cleared to 0 by hardware.
Bit 0
RSTMAC: MAC and Short/Long Addressing Registers Reset.
1: Reset MAC circuitry and Short/Long Addressing Registers. Initialization is needed after
RSTMAC reset. Bit is automatically cleared to
²0² by hardware.
· SREG0x2E - TXPEMISP: Transmit Parameters Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
TXPET3
TXPET2
TXPET1
TXPET0
¾¾¾¾
Type
R/W
R/W
R/W
R/W
RRRR
POR
01110101
Bit 7~4
TXPET [3:0]: TXFIFO Retry Times.
0111: (default)
1001: (optimized - do not change)
Bit 3~0
Reserved: maintain as
²0b0101²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com