Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 68Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 69Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 70Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 71Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 72Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 73Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 74Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 75Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
72
June 11, 2010
· SREG0x36 - RFCTL: RF Mode Control Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾¾
WAKECNT8 WAKECNT7
RFRST
¾¾
Type
R
R
R
R/W
R/W
R/W
R
R
POR
00000000
Bit 7~5
Reserved: Maintain as
²0b000²
Bit 4~3
WAKECNT [8:7]: System Clock Recovery Time
00: (default).
WAKECNT is a 9-bit value. The WAKECNT [6:0] bits are located in SREG0x35 [6:0].
Bit 2
RFRST: RF State Machine Reset.
1: Hold RF state machine in Reset state
0: Normal operation of RF state machine (default)
Perform RF reset by setting RFRST to
²1² and then setting RFRST to ²0². Delay at least 192ms
after performing to allow RF circuitry to calibrate.
Bit 1~0
Reserved: Maintain as
²0b00²
· SREG0x38 - BBREG0: Baseband Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾¾¾¾¾¾
TURBO
Type
RRRRRRR
R/W
POR
10000001
Bit 7~1
Reserved: Maintain as
²0b1000000²
Bit 0
TURBO: Turbo Mode Select
1: 1M bps Turbo Mode (default)
0: 250k bps Normal Mode
RF Transceiver Long Addressing Registers (LREG0x200~LREG0x27F)
0x200
RFCTRL0
0x211
IRQCTL
0x250 RFCTRL50
0x273 RFCTRL73
0x201
RFCTRL1
0x22F TESTMODE
0x251 RFCTRL51
0x274 RFCTRL74
0x202
RFCTRL2
0x23C
¾
0x252 RFCTRL52
0x275 RFCTRL75
0x203 _RFCTRL3
0x23D
GPIODIR
0x253 RFCTRL53
0x276 RFCTRL76
0x204
RFCTRL4
0x23E
GPIO
0x254 RFCTRL54
0x277 RFCTRL77
0x205
RFCTRL5
¾
0x259 RFCTRL59
¾
0x206
RFCTRL6
¾¾
¾
0x207
RFCTRL7
¾¾
¾
0x208
RFCTRL8
¾¾
¾
0x209
SLPCAL_0
¾¾
¾
0x20A SLPCAL_1
¾¾
¾
0x20B SLPCAL_2
¾¾
¾



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com