Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 84 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 84 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 80Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 81Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 82Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 83Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 84Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 85Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 86Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 87Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 88Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
84
June 11, 2010
RF Transceiver Power-down and Wake-up
The MCU and RF Transceiver are powered down independently of each other. The method of powering down the MCU
is covered in the previous MCU section of the datasheet. The RF Transceiver must be powered down before the MCU
is powered down. The method of powering down the RF Transceiver is mentioned in the previous Power Saving Mode
section of this datasheet.
For a RF Transceiver interrupt to occur, in addition to the bits for the related enable and interrupt polarity control de-
scribed in RF Transceiver Interrupt Configuration section being set, the global interrupt enable control and the related
interrupt enable control bits in host MCU must also be set. If the bits related to the interrupt function are configured
properly, the RF Transceiver will generate an interrupt signal on INT pin connected to the MCU I/O pin to get the atten-
tions from MCU and then the interrupt subroutine will be serviced. If the related interrupt control bits in host MCU are
not set properly, then the interrupt signal on RF Transceiver INT line will be a wake-up signal and no interrupt will be
serviced.
Using the RF Transceiver Function
To use the RF Transceiver function, several important steps must be implemented to ensure that the RF Transceiver
operates normally:
· The host MCU must be configured as the Master SPI. Therefore, the MCU SPI mode selection bits [M1, M0] in SPI
Interface Control Register can not be set to [1, 1] as slave mode.
· Although the SPI mode selection bits [M1, M0] can be set to [0, 0], [0, 1] and [1, 0], along with the SPI clock source
selection bit CKS, to force the host MCU SPI interface to operate as Master SPI with different baud rate, there are
some limitations on the maximum SPI clock speed that can be selected to be suitable for the RF Transceiver slave
SPI clock speed. As the maximum RF Transceiver slave SPI clock frequency is 5MHz, care must be taken for the
combinations of the SPI clock source selection CKS and mode selection [M1, M0] when the system clock fre-
quency is greater than 5MHz. For example, if the system clock operates at a frequency of 6MHz, the SPI mode se-
lection [M1, M0] and clock source selection CKS should not be set to [0, 0] and 0. Doing so will obtain a Master SPI
baud rate of 6MHz that is greater than the maximum clock frequency of the slave SPI which may result in SPI inter-
face malfunction.
¨ SPI Master/Slave/Baud rate selection bits in SBCR Register
Bit
Bit 6
Bit 5
Name
M1
M0
Value
00, 01, 10
00: SPI master mode; baud rate is fSPI
01: SPI master mode; baud rate is fSPI/4
10: SPI master mode; baud rate is fSPI/16
11: SPI slave mode
® can not be used
¨ SPI Clock source selection bit in SBCR Register
Bit
Bit 7
Name
CKS
Value
0, 1
0: fSPI =fSYS/2
1: fSPI =fSYS
· Since the MSB is first shifted in on SI line and shifted out on SO line for the RF Transceiver slave SPI read/write oper-
ations, the MSB/LSB selection bit MLS in MCU Master SPI SBCR register should be set to 1 for MSB shift first on
SDI/SDO lines.
¨ SPI MSB/LSB first selection bit in SBCR Register
Bit
Bit 5
Name
MLS
Setting value
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com