Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 73 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 73 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 69Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 70Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 71Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 72Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 73Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 74Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 75Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 76Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 77Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
73
June 11, 2010
· LREG0x200 - RFCTRL0: RF Control Register 0
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
CHANNEL 3 CHANNEL 2 CHANNEL 1 CHANNEL 0
¾¾¾¾
Type
R/W
R/W
R/W
R/W
RRRR
POR
00000001
Bit 7~4
CHANNEL [3:0]: Channel Number. IEEE 802.15.4 2.4GHz band channels (11~26)
0000: channel 11, 2405MHz (default)
0001: channel 12, 2410MHz
0010: channel 13, 2415MHz
0011: channel 14, 2420MHz
0100: channel 15, 2425MHz
0101: channel 16, 2430MHz
0110: channel 17, 2435MHz
0111: channel 18, 2440MHz
1000: channel 19, 2445MHz
1001: channel 20, 2450MHz
1010: channel 21, 2455MHz
1011: channel 22, 2460MHz
1100: channel 23, 2465MHz
1101: channel 24, 2470MHz
1110: channel 25, 2475MHz
1111: channel 26, 2480MHz
Bit 3~0
Reserved: Maintain as
²0b0001²
· LREG0x201 - RFCTRL1: RF Control Register 1
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾¾¾¾¾
VCORX1
VCORX0
Type
RRRRRR
R/W
R/W
POR
00000001
Bit 7~2
Reserved: Maintain as
²0b000000²
Bit 1~0
VCORX [1:0]:RXVC
01: (default)
10: (optimized - do not change)
· LREG0x202 - RFCTRL2: RF Control Register 2
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾
RXFC0-1
RXFC0-0
¾¾¾¾¾
Type
R
R/W
R/W
RRRRR
POR
10000000
Bit 7
Reserved: Maintain as
²0b1²
Bit 6~5
RXFC0 [1:0]: RX Filter Control 0.
00: (default)
11: (optimized - do not change)
Bit 4~0
Reserved: Maintain as
²0b00000²



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com