Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 82 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 82 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 78Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 79Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 80Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 81Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 82Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 83Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 84Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 85Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 86Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
82
June 11, 2010
· LREG0x259 - RFCTRL59: RF Control Register 59
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾¾¾¾¾¾¾
PLLOPT3
Type
RRRRRRRR
POR
00000000
Bit 7~1
Reserved: Maintain as
²0b0000000²
Bit 0
PLLOPT3: PLL Performance Optimization
1: (default)
0: (Optimized - do not change)
· LREG0x273 - RFCTRL73: RF Control Register 73
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
VCOTXOPT1 VCOTXOPT0
¾¾
PLLOPT2
PLLOPT1
PLLOPT0
¾
Type
R/W
R/W
R
R
R/W
R/W
R/W
R
POR
0
0
0
0
0000
Bit 7~6
VCOTXOPT [1:0]: VCO for TX Optimization
00: (default)
01: (Optimized - do not change)
Bit 5~4
Reserved: Maintain as
²0b00²
Bit 3~1
PLLOPT [2:0]: PLL Performance Optimization
000: (default)
111: Optimized for DC-DC Converter Bypass
Bit 0
Reserved: Maintain as
²0b0²
· LREG0x274 - RFCTRL74: RF Control Register 74
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
PAC0EN
PACTRL0-2 PACTRL0-1 PACTRL0-0
PAC1EN
PACTRL1-2 PACTRL1-1 PACTRL1-0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
11001010
Bit 7
PAC0EN: Power Amplifier Control 0 Enable
1: Enable (default)
0: Disable
Bit 6~4
PACTRL0 [2:0]: Power Amplifier Control 0
100: (default)
PACTRL0 [2:0] is for 1st stage Power Amplifier current large scale control.
Bit 3
PAC1EN: Power Amplifier Control 1 Enable
1: Enable (default)
0: Disable
Bit 2-0
PACTRL1 [2:0]: Power Amplifier Control 1
100: Optimized for DC-DC on
110: Optimized for DC-DC off
010: (default)
PACTRL1 [2:0] is for 2nd stage Power Amplifier current control. Please follow the TX Output
Power Configuration Summary Table in LREG0x203 Register definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com