Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 95 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 95 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 91Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 92Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 93Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 94Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 95Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 96Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 97Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 98Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 99Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 103 page
background image
OR A,x
Logical OR immediate data to ACC
Description
Data in the Accumulator and the specified immediate data perform a bitwise logical OR op-
eration. The result is stored in the Accumulator.
Operation
ACC
¬ ACC ²OR² x
Affected flag(s)
Z
ORM A,[m]
Logical OR ACC to Data Memory
Description
Data in the specified Data Memory and the Accumulator perform a bitwise logical OR oper-
ation. The result is stored in the Data Memory.
Operation
[m]
¬ ACC ²OR² [m]
Affected flag(s)
Z
RET
Return from subroutine
Description
The Program Counter is restored from the stack. Program execution continues at the re-
stored address.
Operation
Program Counter
¬ Stack
Affected flag(s)
None
RET A,x
Return from subroutine and load immediate data to ACC
Description
The Program Counter is restored from the stack and the Accumulator loaded with the
specified immediate data. Program execution continues at the restored address.
Operation
Program Counter
¬ Stack
ACC
¬ x
Affected flag(s)
None
RETI
Return from interrupt
Description
The Program Counter is restored from the stack and the interrupts are re-enabled by set-
ting the EMI bit. EMI is the master interrupt global enable bit. If an interrupt was pending
when the RETI instruction is executed, the pending Interrupt routine will be processed be-
fore returning to the main program.
Operation
Program Counter
¬ Stack
EMI
¬ 1
Affected flag(s)
None
RL [m]
Rotate Data Memory left
Description
The contents of the specified Data Memory are rotated left by 1 bit with bit 7 rotated into bit
0.
Operation
[m].(i+1)
¬ [m].i; (i = 0~6)
[m].0
¬ [m].7
Affected flag(s)
None
RLA [m]
Rotate Data Memory left with result in ACC
Description
The contents of the specified Data Memory are rotated left by 1 bit with bit 7 rotated into bit
0. The rotated result is stored in the Accumulator and the contents of the Data Memory re-
main unchanged.
Operation
ACC.(i+1)
¬ [m].i; (i = 0~6)
ACC.0
¬ [m].7
Affected flag(s)
None
HT82M75REW/HT82K75REW
Rev. 1.00
95
June 11, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com