Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 70 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 70 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 66Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 67Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 68Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 69Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 70Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 71Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 72Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 73Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 74Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
70
June 11, 2010
· SREG0x30 - RXSR: RX MAC Status Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
RXFFFULL
WRFF1
¾
RXFFOVFL
RXCRCERR
¾¾¾
Type
R
R
R
R
R
R
R
R
POR
000
0
0
000
Bit 7
RXFFFULL: RX FIFO Full
1: RX FIFO is not available for data receiving
0: RX FIFO is available for data receiving (default)
Bit 6
WRFF1: RX FIFO Status
1: Packet is ready in RX FIFO 1
0: Packet is ready in RX FIFO 0 (default)
Bit 5
Reserved: maintain as
²0b0²
Bit 4
RXFFOVFL: RX FIFO Overflow
1: RX FIFO overflows
0: (default) RX FIFO not overflow
Bit 3
RXCRCERR: RX CRC Error
1: RX CRC error
0: RX CRC is correct (default)
Bit 2~0
Reserved: maintain as
²0b000²
· SREG0x31 - ISRSTS: Interrupt Status Register
Bit
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
¾
WAKEIF
¾¾
RXIF
¾¾
TXNIF
Type
R
RC
R
R
RC
R
R
RC
POR
00000000
Bit 7
Reserved: maintain as
²0b0²
Bit 6
WAKEIF: Wake-up Alert Interrupt
1: A wake-up interrupt occurred
0: No wake-up alert interrupt occurred (default)
This bit is cleared to 0 when the register is read.
Bit 5-4
Reserved: maintain as
²0b00²
Bit 3
RXIF: RX FIFO Reception Interrupt
1: A RX FIFO reception interrupt occurred
0: No RX FIFO reception interrupt occurred (default)
This bit is cleared to 0 when the register is read.
Bit 2-1
Reserved: maintain as
²0b00²
Bit 0
TXNIF: TX FIFO Normal Transmission Interrupt
1: TX FIFO normal transmission interrupt occurred
0: No TX FIFO normal transmission interrupt occurred (default)
This bit is cleared to
²0² when the register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com