Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 87 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 87 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 83Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 84Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 85Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 86Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 87Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 88Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 89Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 90Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 91Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
87
June 11, 2010
HT82K75REW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
43
44
45
46
47
48
36
37
38
39
40
41
42
33
34
35
PA6
PA7
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
GPIO2
GND_D
GPIO1
GPIO0
VDD_D
VDD_2V2
RF_N
N.C.
VDD_RF2
PC1
PC0
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
PB1
PB2
PB3
VDD_3V
VDD_3V
100K
0.1uF
0.1uF
47uF
220uF
VDD_3V
VCC_3V
10nF
0.1uF
VCC_3V
0.1uF
VCC_3V
4.7uF
VCC_3V
0.1uF
VCC_3V
47pF
10nF
47pF
15pF
15pF
10nF
1uF
47pF
VCC_3V
47pF
10nF
6.8nH
5.6nH
6.8nH
0.5pF
0.5pF
100uH
ANT
32M
0.5pF
1.8pF
1.2nH
VDD_3V
BEAD
VB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com