Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K75REW Datasheet(PDF) 85 Page - Holtek Semiconductor Inc

Part # HT82K75REW
Description  2.4GHz Transceiver 8-Bit OTP MCU
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K75REW Datasheet(HTML) 85 Page - Holtek Semiconductor Inc

Back Button HT82K75REW Datasheet HTML 81Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 82Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 83Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 84Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 85Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 86Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 87Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 88Page - Holtek Semiconductor Inc HT82K75REW Datasheet HTML 89Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 103 page
background image
HT82M75REW/HT82K75REW
Rev. 1.00
85
June 11, 2010
· As the RF Transceiver slave SPI timing diagram shows, the SPI data output mode selection SPI_MODE and the
clock polarity selection SPI_CPOL of the master SPI should be correctly set to fit the slave SPI protocol requirement.
To successfully communicate with the RF Transceiver slave SPI, the SPI_MODE and SPI_CPOL of the MCU master
SPI should be set to [1, 1].
¨ SPI_MODE and SPI_CPOL setup in SPIR Register
Bit
Bit 1
Bit 0
Name
SPI_MODE
SPI_CPOL
Setting value
1
1
The relevant timing diagram for the above setting is shown in the preceding SPI Bus Timing diagram in SPI Serial
Interface section.
· For the MCU master SPI to completely control the slave SPI SEN line, the MCU master SPI uses a general purpose
I/O line via application program instead of the SPI SCS line with hardware mechanism. To achieve this requirement,
the software CSEN enable control bit SPI_CSEN of the Master SPI should be set to 0, then the master SPI SCS line
will lose the SCS line characteristics and be configured as a general purpose I/O line.
¨ SPI_CSEN software CSEN enable control bit in SPIR Register
Bit
Bit 5
Name
SPI_CSEN
Setting value
0
0: the software CSEN function is disabled and the SCS line is configured as an I/O line
· Finally set the SPI_EN bit to 1 to ensure that the pin-shared function for other three SPI lines known as SCK, SDI and
SDO are surely selected.
¨ SPI_EN software SPI interface lines enable control bit in SPIR Register
Bit
Bit 5
Name
SPI_EN
Setting value
1
1: the pin-shared function of the SPI interface lines is enabled.
After the above setup conditions have been implemented, the MCU can enable the SPI interface by setting the
SBEN bit high. The MCU can then begin communication with the RF Transceiver using the SPI interface. The de-
tailed MCU Master SPI functional description is provided within the SPI Serial Interface section of the MCU
datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com