Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 121 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 121 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 117Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 118Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 119Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 120Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 121Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 122Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 123Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 124Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 125Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 240 page
background image
EM351 / EM357
9 General Purpose Timers (TIM1 and TIM2)
9.1 Introduction
Each of the EM35x’s two general-purpose timers consists of a 16-bit auto-reload counter driven by a
programmable prescaler. They may be used for a variety of purposes, including measuring the pulse lengths of
input signals (input capture) or generating output waveforms (output compare and PWM). Pulse lengths and
waveform periods can be modulated from a few microseconds to several milliseconds using the timer
prescaler. The timers are completely independent, and do not share any resources. They can be synchronized
together as described in the Timer Synchronization section.
The two general-purpose timers, TIM1 and TIM2, have the following features:
16-bit up, down, or up/down auto-reload counter.
Programmable prescaler to divide the counter clock by any power of two from 1 through 32768.
4 independent channels for:
Input capture
Output compare
PWM generation (edge- and center-aligned mode)
One-pulse mode output
Synchronization circuit to control the timer with external signals and to interconnect the timers.
Flexible clock source selection:
Peripheral clock (PCLK at 6 or 12 MHz)
32.768 kHz external clock (if available)
1 kHz clock
GPIO input
Interrupt generation on the following events:
Update: counter overflow/underflow, counter initialization (software or internal/external trigger)
Trigger event (counter start, stop, initialization or count by internal/external trigger)
Input capture
Output compare
Supports incremental (quadrature) encoders and Hall sensors for positioning applications.
Trigger input for external clock or cycle-by-cycle current management.
Figure 9-1 shows an overview of a timer’s internal structure.
Note:
Because the two timers are identical, the notation TIMx refers to either TIM1 or TIM2. For example,
TIMx_PSC refers to both TIM1_PSC and TIM2_PSC. Similarly, “y” refers to any of the four channels of a given
timer, so for example, OCy refers to OC1, OC2, OC3, and OC4.
9-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com