Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 124 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 124 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 120Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 121Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 122Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 123Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 124Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 125Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 126Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 127Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 128Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 240 page
background image
EM351 / EM357
update event (UEV), depending on the auto-reload buffer enable bit (TIM_ARBE) in the TIMx_CR1 register. The
UEV is generated when both the counter reaches the overflow (or underflow when down-counting) and when
the TIM_UDIS bit equals 0 in the TIMx_CR1 register. It can also be generated by software. UEV generation is
described in detail for each configuration.
The counter is clocked by the prescaler output CK_CNT, which is enabled only when the counter enable bit
(TIM_CEN) in the TIMx_CR1 register is set. Refer also to the slave mode controller description in the Timers
and External Trigger Synchronization section to get more details on counter enabling.
Note that the actual counter enable signal CNT_EN is set one clock cycle after TIM_CEN.
Note:
When the EM35x enters debug mode and the ARM® CortexTM-M3 core is halted, the counters continue to
run normally.
9.3.1.1
Prescaler
The prescaler can divide the counter clock frequency by power of two from 1 through 32768. It is based on a
16-bit counter controlled through the 4-bit TIM_PSCEXP bit field in the TIMx_PSC register. The factor by which
the counter is divided is two raised to the power TIM_PSCEXP (2TIM_PSCEXP).
It can be changed on the fly as this control register is buffered. The new prescaler ratio is used starting at the
next UEV.
Figure 9-2 gives an example of the counter behavior when the prescaler ratio is changed on the fly.
Figure 9-2. Counter Timing Diagram with Prescaler Division Change from 1 to 4
9.3.2
Counter Modes
9.3.2.1
Up-Counting Mode
In up-counting mode, the counter counts from 0 to the auto-reload value (contents of the TIMx_ARR register),
then restarts from 0 and generates a counter overflow event.
A UEV can be generated at each counter overflow, by setting the TIM_UG bit in the TIMx_EGR register, or by
using the slave mode controller.
Software can disable the UEV by setting the TIM_UDIS bit in the TIMx_CR1 register, to avoid updating the
shadow registers while writing new values in the buffer registers. No UEV will occur until the TIM_UDIS bit is
written to 0. Both the counter and the prescaler counter restart from 0, but the prescale rate does not
change. In addition, if the TIM_URS bit in the TIMx_CR1 register is set, setting the TIM_UG bit generates a UEV
9-4
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com