Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 185 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 185 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 181Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 182Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 183Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 184Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 185Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 186Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 187Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 188Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 189Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 240 page
background image
EM351 / EM357
10-10
120-035X-000D
Preliminary
Parameter
Performance
DNL (codes RMS)
0.007
0.009
0.013
0.015
0.024
0.03
0.05
0.082
ENOB
(from single-cycle test)
5.6
7.0
8.5
10.0
11.4
12.6
13.1
13.2
SNR (dB)
Single-Ended
Differential
35
35
44
44
53
53
62
62
70
71
75
77
76
79
77
80
SINAD (dB)
Single-Ended
Differential
35
35
44
44
53
53
62
62
68
70
71
75
71
77
71
77
SDFR (dB)
Single-Ended
Differential
60
60
68
69
75
77
75
80
75
80
75
80
75
80
75
80
THD (dB)
Single-Ended
Differential
-45
-45
-54
-54
-63
-63
-68
-71
-70
-76
-70
-77
-70
-78
-70
-78
ENOB (from SNR)
Single-Ended
Differential
5.6
5.6
7.1
7.1
8.6
8.6
10.0
10.1
11.4
11.5
12.1
12.5
12.4
12.9
12.5
13.0
ENOB (from SINAD)
Single-Ended
Differential
5.5
5.6
7.0
7.1
8.5
8.6
9.9
10.1
11.0
11.4
11.4
12.4
11.5
12.8
11.5
13.0
Equivalent ADC Bits
7
[15:9]
8
[15:8]
9
[15:7]
10
[15:6]
11
[15:5]
12
[15:4]
13
[15:3]
14
[15:2]
Note:
INL and DNL are referenced to a LSB of the Equivalent ADC Bits shown in the last row of Table 10-7.
ENOB (effective number of bits) can be calculated from either SNR (signal to non-harmonic noise ratio) or
SINAD (signal-to-noise and distortion ratio).
Table 10-8 describes the key ADC parameters measured at 25°C and VDD_PADS at 3.0 V, for a sampling clock
of 6 MHz. ADC_HVSELP and ADC_HVSELN are programmed to 1 to enable the input buffer. The single-ended
measurements were done at finput = 7.7% fNyquist; level = 1.2V p-p swing centered on 1.5V. The differential
measurements were done at finput = 7.7% fNyquist, level = 1.2V p-p swing and a common mode voltage of 1.5V.
Table 10-8. ADC Module Key Parameters for input buffer enabled and 6 MHz sampling
Parameter
Performance
ADC_PERIOD
0
1
2
3
4
5
6
7
Conversion Time (µs)
32
64
128
256
512
1024
2048
4096
Nyquist Freq (kHz)
93.8k
46.9k
23.4k
11.7k
5.86k
2.93k
1.47k
732
3 dB Cut-off (kHz)
56.6k
28.3k
14.1k
7.07k
3.54k
1.77k
884
442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com